GENERAL DESCRIPTION
The AK7734 is a highly integrated audio digital signal processor with integrated 2ch 24bit ADC and 2ch SRC.
It includes internal memories for digital audio processing, that allows surround effect process, time alignment
and parametric equalizing. More over, the AK7734 can process both data and filter coefficients as floating
point data so that high accuracy IIR/FIR filter performance can be achieved easily. The internal SRC has
various sampling rate converting modes, corresponds many sampling rates without changing the DSP
operating sampling frequency. The AK7734 can operate a hands-free software by AKM, as well as sound
processing, by programs downloaded via the microprocessor interface.
FEATURES
[DSP Block]
- Word length: 24bit (Coefficient RAM & Data RAM: F24 floating point)
- Processing Speed: 13.6 ns (1536step/fs; fs = 48kHz)
- Multiplication: 20 x 24 → 44-bit Double precision arithmetic available
- Divider 20 / 20 → 20bit
- ALU: 48bit arithmetic operation (overflow margin 4bit) 20bit floating point arithmetic and logic operation
- Program RAM: 3072 x 24bit
- Coefficient RAM: 2048 x 24bit (F24 floating point)
- Data RAM: 2048 x 24-bit (F24 floating point)
- Offset Register: 64 x 13bit
- Delay RAM1: 3072 x 24-bit
- Delay RAM2: 2048 x 24-bit
- Sampling rate: fs= 7.35k ~ 48kHz
- Master Clock: 1536fs
(generated from 32fs, 48fs, 64fs, 128fs, 256fs, 384fs by internal PLL)
- Master/Slave Operation
[ADC Block]
- 64 times Over sampling
- 24bit 2ch
- Sampling rate: 7.35 ~ 48kHz
- S/(N+D): 83dB (fs = 48kHz)
- DR, S/N: 96dB (fs = 48kHz)
- Integrated DC offset canceling High Pass Filter
[SRC Block]
- 2ch x 1 system
- Support frequency: Fin = 7.35kHz ~ 96kHz → Fout = 7.35kHz ~ 48kHz
(FSO/FSI = 0.167~ 6.0)
[Digital Interface Input/Output]
- 8ch Serial Data Input
- 8ch Serial Data Output
|