Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD7756HFS Datasheet (PDF) - Asahi Kasei Microsystems

AKD7756HFS Datasheet PDF - Asahi Kasei Microsystems
Part # AKD7756HFS
Download  AKD7756HFS Download

File Size   453.95 Kbytes
Page   27 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description DSP with Mono CODEC Mic/Lineout Amp

AKD7756HFS Datasheet (PDF)

Go To PDF Page Download Datasheet
AKD7756HFS Datasheet PDF - Asahi Kasei Microsystems

Part # AKD7756HFS
Download  AKD7756HFS Click to download

File Size   453.95 Kbytes
Page   27 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description DSP with Mono CODEC Mic/Lineout Amp

AKD7756HFS Datasheet (HTML) - Asahi Kasei Microsystems

Back Button AKD7756HFS Datasheet HTML 1Page - Asahi Kasei Microsystems AKD7756HFS Datasheet HTML 2Page - Asahi Kasei Microsystems AKD7756HFS Datasheet HTML 3Page - Asahi Kasei Microsystems AKD7756HFS Datasheet HTML 4Page - Asahi Kasei Microsystems AKD7756HFS Datasheet HTML 5Page - Asahi Kasei Microsystems AKD7756HFS Datasheet HTML 6Page - Asahi Kasei Microsystems AKD7756HFS Datasheet HTML 7Page - Asahi Kasei Microsystems AKD7756HFS Datasheet HTML 8Page - Asahi Kasei Microsystems AKD7756HFS Datasheet HTML 9Page - Asahi Kasei Microsystems AKD7756HFS Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button 

AKD7756HFS Product details

GENERAL DESCRIPTION
The AK7756 is a highly integrated digital signal processor, including a mono voice audio codec, a MIC pre-amplifier and digital audio I/F. The audio DSP has 9216step at fs = 8kHz parallel processing power. As the AK7756 is a RAM based DSP, it is programmable for user requirements such as hands free and acoustic effect. The AK7756EN is available in a space saving small 28pin QFN package and the AK7756VF is available in a 30pin VSOP package.

FEATURES
□ DSP
   - Word length: 24bit (Data RAM 24bit floating point)
   - Instruction cycle: 13.6 ns (9216 steps at fs=8 kHz)
   - Multiplier 20 x 20 → 36bit (double precision available)
   - Divider 20 / 20 → 20bit
   - ALU: 36bit arithmetic operation (with overflow margin 4bit) 24bit floating point
      arithmetic and logic operation
   - Program RAM: 3072 x 36bit
   - Coefficient RAM: 2048 x 20bit
   - Data RAM: 1024 x 24-bit (24bit floating point)
   - Delay RAM: 3072 x 20bit, 3072 x 20bit
   - Master Clock: 4.6MHz ~ 73.7MHz
   - JX pins (Interrupt)
□ Audio Serial I/F
   - Master / Slave operation
   - Right / Left justified and I2S
   - PCM (Short / Long Frame)
   - 16bit linear, 8bit A-law, 8bit µ-law
□ Mono CODEC
   - Sampling Rate 8KHz, 16KHz
   - DAC S/N: 91dB, S/(N+D): 83dB (fs:16kHz)
   - ADC S/N: 86dB, S/(N+D): 77dB (fs:16kHz)
□ Microphone interface
   - Differential or single-ended input
   - Programmable Gain (+33dB ~ +15dB and 0dB, 3dB step)
   - Low Noise Microphone Bias
□ Automatic Power Down (CODEC, DSP)
□ μP I/F : SPI, I2C-slave
□ I2C bootloader
□ Power supply
   Analog (AVDD) : 3.0V ~ 3.6V (typ.3.3V)
   Digital1 (DVDD) : 3.0V ~ 3.6V (typ.3.3V)
   Digital2 (DVDD18) : 1.7V ~ 1.9V (typ.1.8V)
□ Operating temperature range: -20°C ~ 85°C (AK7756EN), -40°C ~ 85°C (AK7756VF)
□ Package:
   28pin QFN (AK7756EN)
   30pin VSOP (AK7756VF)




Similar Part No. - AKD7756HFS

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD7752 AKM-AKD7752 Datasheet
645Kb / 23P
   Audio/Hands Free DSP with Stereo CODEC
AKD7754 AKM-AKD7754 Datasheet
542Kb / 26P
   Audio DSP with Stereo CODEC MIC/HP-AMP
More results


Similar Description - AKD7756HFS

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7755 AKM-AK7755 Datasheet
2Mb / 109P
   DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
AK7755EN AKM-AK7755EN_16 Datasheet
2Mb / 109P
   DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
AK7755EN AKM-AK7755EN Datasheet
2Mb / 109P
   DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
AK7758VN AKM-AK7758VN Datasheet
674Kb / 32P
   DSP with Stereo CODEC Mic/Lineout Amp
AK7758 AKM-AK7758 Datasheet
674Kb / 32P
   DSP with Stereo CODEC Mic/Lineout Amp
AK4637 AKM-AK4637 Datasheet
1Mb / 96P
   24bit Mono CODEC with MIC - SPK-AMP
AK4637EN AKM-AK4637EN Datasheet
1Mb / 96P
   24bit Mono CODEC with MIC/SPK-AMP
AK7754 AKM-AK7754 Datasheet
542Kb / 26P
   Audio DSP with Stereo CODEC MIC/HP-AMP
AK4633 AKM-AK4633 Datasheet
674Kb / 82P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4631 AKM-AK4631 Datasheet
568Kb / 69P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com