Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYS64V1000GU-70 Datasheet (PDF) - Siemens Semiconductor Group

HYS64V1000GU-70 Datasheet PDF - Siemens Semiconductor Group
Part # HYS64V1000GU-70
Download  HYS64V1000GU-70 Download

File Size   68.05 Kbytes
Page   9 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 3.3V 1M x 64-Bit SDRAM Module 3.3V 1M x 72-Bit SDRAM Module

HYS64V1000GU-70 Datasheet (PDF)

Go To PDF Page Download Datasheet
HYS64V1000GU-70 Datasheet PDF - Siemens Semiconductor Group

Part # HYS64V1000GU-70
Download  HYS64V1000GU-70 Click to download

File Size   68.05 Kbytes
Page   9 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 3.3V 1M x 64-Bit SDRAM Module 3.3V 1M x 72-Bit SDRAM Module

HYS64V1000GU-70 Datasheet (HTML) - Siemens Semiconductor Group

HYS64V1000GU-70 Datasheet HTML 1Page - Siemens Semiconductor Group HYS64V1000GU-70 Datasheet HTML 2Page - Siemens Semiconductor Group HYS64V1000GU-70 Datasheet HTML 3Page - Siemens Semiconductor Group HYS64V1000GU-70 Datasheet HTML 4Page - Siemens Semiconductor Group HYS64V1000GU-70 Datasheet HTML 5Page - Siemens Semiconductor Group HYS64V1000GU-70 Datasheet HTML 6Page - Siemens Semiconductor Group HYS64V1000GU-70 Datasheet HTML 7Page - Siemens Semiconductor Group HYS64V1000GU-70 Datasheet HTML 8Page - Siemens Semiconductor Group HYS64V1000GU-70 Datasheet HTML 9Page - Siemens Semiconductor Group

HYS64V1000GU-70 Product details

168 pin unbuffered DIMM Modules

The HYS64(72)V1000GS-10/-12/-15 are industry standard 168-pin 8-byte Dual in-line Memory Modules (DIMMs) which are organised as 1M x 64 and 1M x 72 high speed memory arrays designed with Synchronous DRAMs (SDRAMs) for non-parity and ECC applications. The DIMMs use four 1M x 16 SDRAMs for the 1M x 64 organisation and an additional SDRAM for the 1M x 72 organisation. Decoupling capacitors are mounted on the PC board.

Target Information
• 168 Pin JEDEC Standard, Unbuffered 8 Byte Dual-In-Line SDRAM Module
• 1 bank 1M x 64, 1M x 72 organisation
• Optimized for byte-write non-parity or ECC applications
• JEDEC standard Synchronous DRAMs (SDRAM)
• Performance:
• Single +3.3V(± 0.3V ) power supply
• Programmable CAS Latency, Burst Length and Wrap Sequence
• Auto Refresh (CBR) and Self Refresh
• Decoupling capacitors mounted on substrate
• All inputs, outputs are LVTTL compatible
• Serial presence detects
• Utilizes four / five 1M x 16 SDRAMs in TSOPII-50 packages
• 4096 refresh cycles every 64 ms
• Gold contact pad
• Card Size: 133,35mm x 25,40mm x 3,00 mm
• This SDRAM product familiy is intended to be fully pin and architecture compatible with the 168 pin Unbuffered DRAM DIMM module family.




Similar Part No. - HYS64V1000GU-70

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS64V16200GDL INFINEON-HYS64V16200GDL Datasheet
263Kb / 16P
   144 pin SO-DIMM SDRAM Modules
2001.09
HYS64V16200GDL-7 INFINEON-HYS64V16200GDL-7 Datasheet
263Kb / 16P
   144 pin SO-DIMM SDRAM Modules
2001.09
HYS64V16200GDL-75 INFINEON-HYS64V16200GDL-75 Datasheet
263Kb / 16P
   144 pin SO-DIMM SDRAM Modules
2001.09
HYS64V16200GDL-8 INFINEON-HYS64V16200GDL-8 Datasheet
263Kb / 16P
   144 pin SO-DIMM SDRAM Modules
2001.09
logo
Siemens Semiconductor G...
HYS64V16200GU-8 SIEMENS-HYS64V16200GU-8 Datasheet
84Kb / 17P
   3.3 V 16M x 64/72-Bit SDRAM Modules 3.3 V 32M x 64/72-Bit SDRAM Modules 3.3 V 64M x 64/72-Bit SDRAM Modules
More results


Similar Description - HYS64V1000GU-70

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYS64V8000GU SIEMENS-HYS64V8000GU Datasheet
68Kb / 11P
   3.3V 8M x 64-Bit SDRAM Module 3.3V 8M x 72-Bit SDRAM Module
HYS64V2100G SIEMENS-HYS64V2100G Datasheet
75Kb / 12P
   3.3V 2M x 64-Bit SDRAM Module 3.3V 2M x 72-Bit SDRAM Module
HYM64V1005GU-5 SIEMENS-HYM64V1005GU-5 Datasheet
74Kb / 14P
   3.3V 1M x 64-Bit EDO-DRAM Module 3.3V 1M x 72-Bit EDO-DRAM Module
HYS6472V4200GU SIEMENS-HYS6472V4200GU Datasheet
76Kb / 15P
   3.3V 4M x 64/72-Bit 1 BANK SDRAM Module 3.3V 8M x 64/72-Bit 2 BANK SDRAM Module
HYS64-72V2200GU-8 SIEMENS-HYS64-72V2200GU-8 Datasheet
104Kb / 17P
   3.3V 2M x 64/72-Bit 1 BANK SDRAM Module 3.3V 4M x 64/72-Bit 2 BANK SDRAM Module
HYS64V4120GU SIEMENS-HYS64V4120GU Datasheet
72Kb / 11P
   3.3V 4M x 64-Bit 2 BANK SDRAM Module 3.3V 4M x 72-Bit 2 BANK SDRAM Module
logo
Hanbit Electronics Co.,...
HMS1M32M8V HANBIT-HMS1M32M8V Datasheet
193Kb / 9P
   SRAM MODULE 4Mbyte(1M x 32-Bit) 3.3V
HMF1M64F4VA HANBIT-HMF1M64F4VA Datasheet
557Kb / 13P
   FLASH-ROM MODULE 8MByte (1M x 64-Bit) ,120PIN SMM,3.3V
HMF1M64F4V HANBIT-HMF1M64F4V Datasheet
294Kb / 13P
   FLASH-ROM MODULE 8MByte (1M x 64-Bit) ,120PIN SMM,3.3V
HMF1M64F4VS HANBIT-HMF1M64F4VS Datasheet
288Kb / 13P
   FLASH-ROM MODULE 8MByte (1M x 64-Bit) ,120PIN SMM,3.3V
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com