Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N60PG-T92-R Datasheet (PDF) - Unisonic Technologies

1N60PG-T92-R Datasheet PDF - Unisonic Technologies
Part # 1N60PG-T92-R
Download  1N60PG-T92-R Download

File Size   274.99 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 1.2A, 600V N-CHANNEL POWER MOSFET

1N60PG-T92-R Datasheet (PDF)

Go To PDF Page Download Datasheet
1N60PG-T92-R Datasheet PDF - Unisonic Technologies

Part # 1N60PG-T92-R
Download  1N60PG-T92-R Click to download

File Size   274.99 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 1.2A, 600V N-CHANNEL POWER MOSFET

1N60PG-T92-R Datasheet (HTML) - Unisonic Technologies

1N60PG-T92-R Datasheet HTML 1Page - Unisonic Technologies 1N60PG-T92-R Datasheet HTML 2Page - Unisonic Technologies 1N60PG-T92-R Datasheet HTML 3Page - Unisonic Technologies 1N60PG-T92-R Datasheet HTML 4Page - Unisonic Technologies 1N60PG-T92-R Datasheet HTML 5Page - Unisonic Technologies 1N60PG-T92-R Datasheet HTML 6Page - Unisonic Technologies

1N60PG-T92-R Product details

DESCRIPTION
The UTC 1N60P is a high voltage power MOSFET and is designed to have better characteristics, such as fast switching time, low gate charge, low on-state resistance and a high rugged avalanche characteristic. This power MOSFET is usually used at high speed switching applications of power supplies, PWM motor controls, high efficient DC to DC converters and bridge circuits.

FEATURES
* RDS(ON) =11.5Ω@VGS = 10V.
* Ultra Low gate charge (typical 5.0nC)
* Low reverse transfer capacitance (CRSS = typical 3.0 pF)
* Fast switching capability
* Avalanche energy specified
* Improved dv/dt capability, high ruggedness




Similar Part No. - 1N60PG-T92-R

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N60P SEMTECH-1N60P Datasheet
88Kb / 2P
   POINT CONTACT GERMANIUM DIODE
logo
Tiger Electronic Co.,Lt...
1N60P TGS-1N60P Datasheet
138Kb / 2P
   Schottky Barrier Rectifier
logo
Formosa MS
1N60P FORMOSA-1N60P Datasheet
80Kb / 2P
   Schottky Barrier Diode
logo
Shenzhen Luguang Electr...
1N60P LUGUANG-1N60P Datasheet
184Kb / 2P
   Small Signal Schottky Diodes
logo
DAESAN ELECTRONIC CORP.
1N60P DAESAN-1N60P Datasheet
310Kb / 2P
   GERMANIUM DIODES
More results


Similar Description - 1N60PG-T92-R

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
NJ1N60 DGNJDZ-NJ1N60 Datasheet
587Kb / 6P
   1.2A 600V N-CHANNEL POWER MOSFET
logo
Unisonic Technologies
1N60Z UTC-1N60Z Datasheet
249Kb / 6P
   1.2A, 600V N-CHANNEL POWER MOSFET
1N60 UTC-1N60_11 Datasheet
282Kb / 6P
   1.2A, 600V N-CHANNEL POWER MOSFET
1N65 UTC-1N65 Datasheet
297Kb / 6P
   1.2A, 650V N-CHANNEL POWER MOSFET
1N70 UTC-1N70_11 Datasheet
312Kb / 8P
   1.2A, 700V N-CHANNEL POWER MOSFET
1N70Z UTC-1N70Z Datasheet
310Kb / 7P
   1.2A, 700V N-CHANNEL POWER MOSFET
logo
DIYI Electronic Technol...
7N60 DYELEC-7N60 Datasheet
2Mb / 9P
   600V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM2N60S TSC-TSM2N60S Datasheet
328Kb / 8P
   600V N-Channel Power MOSFET
logo
Unisonic Technologies
18N60 UTC-18N60_10 Datasheet
147Kb / 3P
   600V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM4NB60 TSC-TSM4NB60_13 Datasheet
575Kb / 11P
   600V N-Channel Power MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com