Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

18N60 Datasheet (PDF) - Unisonic Technologies

18N60 Datasheet PDF - Unisonic Technologies
Part # 18N60_11
Download  18N60 Download

File Size   147.67 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 18A,600V N-CHANNEL POWER MOSFET

18N60 Datasheet (PDF)

Go To PDF Page Download Datasheet
18N60 Datasheet PDF - Unisonic Technologies

Part # 18N60_11
Download  18N60 Click to download

File Size   147.67 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 18A,600V N-CHANNEL POWER MOSFET

18N60 Datasheet (HTML) - Unisonic Technologies

18N60_11 Datasheet HTML 1Page - Unisonic Technologies 18N60_11 Datasheet HTML 2Page - Unisonic Technologies 18N60_11 Datasheet HTML 3Page - Unisonic Technologies



Similar Part No. - 18N60_11

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
18N60 UTC-18N60_10 Datasheet
147Kb / 3P
   600V N-CHANNEL POWER MOSFET
18N60 UTC-18N60_15 Datasheet
186Kb / 4P
   N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
18N60 ISC-18N60_18 Datasheet
325Kb / 2P
   isc N-Channel MOSFET Transistor
More results


Similar Description - 18N60_11

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM60NB190CI TSC-TSM60NB190CI Datasheet
830Kb / 8P
   N-Channel Power MOSFET 600V, 18A, 0.19廓
logo
Rohm
R6018JNX ROHM-R6018JNX Datasheet
2Mb / 14P
   Nch 600V 18A Power MOSFET
R6018ANX ROHM-R6018ANX_12 Datasheet
1Mb / 14P
   Nch 600V 18A Power MOSFET
R6018JNJ ROHM-R6018JNJ Datasheet
2Mb / 15P
   Nch 600V 18A Power MOSFET
logo
Unisonic Technologies
18N25 UTC-18N25 Datasheet
180Kb / 5P
   18A, 250V N-CHANNEL POWER MOSFET
logo
First Components Intern...
IRF640 FCI-IRF640 Datasheet
158Kb / 5P
   18A 200V N CHANNEL POWER MOSFET
logo
Unisonic Technologies
18N40_1109 UTC-18N40_1109 Datasheet
151Kb / 4P
   18A, 400V N-CHANNEL POWER MOSFET
18N65 UTC-18N65 Datasheet
182Kb / 4P
   18A, 650V N-CHANNEL POWER MOSFET
18N50 UTC-18N50_12 Datasheet
209Kb / 6P
   18A, 500V N-CHANNEL POWER MOSFET
logo
First Components Intern...
IRF640FP FCI-IRF640FP Datasheet
231Kb / 5P
   IRF640FP 18A 200V N CHANNEL POWER MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com