Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY3360-L Datasheet (PDF) - Siemens Semiconductor Group

LY3360-L Datasheet PDF - Siemens Semiconductor Group
Part # LY3360-L
Download  LY3360-L Download

File Size   229.49 Kbytes
Page   8 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 3 mm (T1) LED, Diffused

LY3360-L Datasheet (PDF)

Go To PDF Page Download Datasheet
LY3360-L Datasheet PDF - Siemens Semiconductor Group

Part # LY3360-L
Download  LY3360-L Click to download

File Size   229.49 Kbytes
Page   8 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 3 mm (T1) LED, Diffused

LY3360-L Datasheet (HTML) - Siemens Semiconductor Group

LY3360-L Datasheet HTML 1Page - Siemens Semiconductor Group LY3360-L Datasheet HTML 2Page - Siemens Semiconductor Group LY3360-L Datasheet HTML 3Page - Siemens Semiconductor Group LY3360-L Datasheet HTML 4Page - Siemens Semiconductor Group LY3360-L Datasheet HTML 5Page - Siemens Semiconductor Group LY3360-L Datasheet HTML 6Page - Siemens Semiconductor Group LY3360-L Datasheet HTML 7Page - Siemens Semiconductor Group LY3360-L Datasheet HTML 8Page - Siemens Semiconductor Group

LY3360-L Product details

Features
●colored, diffused package
●for use as optical indicator
●solder leads with stand-off
●available taped on reel
●load dump resistant acc. to DIN 40839




Similar Part No. - LY3360-L

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LY3360 SIEMENS-LY3360 Datasheet
91Kb / 1P
   T1(3mm) LED LAMP
More results


Similar Description - LY3360-L

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LS3340 SIEMENS-LS3340 Datasheet
520Kb / 8P
   3 mm (T1) LED, Non Diffused
logo
OSRAM GmbH
LSK380 OSRAM-LSK380_02 Datasheet
114Kb / 10P
   3 mm (T1) LED, Non Diffused
logo
Siemens Semiconductor G...
LSK380 SIEMENS-LSK380 Datasheet
540Kb / 8P
   ARGUS LED 3 mm T1 LED, Non Diffused
LR5360 SIEMENS-LR5360 Datasheet
433Kb / 8P
   5 mm (T1 3/4) LED, Diffused
LR5460 SIEMENS-LR5460 Datasheet
430Kb / 8P
   5 mm (T1 3/4) LED, Diffused
LSP380 SIEMENS-LSP380 Datasheet
270Kb / 8P
   Plane 3 mm (T1) LED, Non Diffused
LS3380 SIEMENS-LS3380 Datasheet
153Kb / 7P
   3 mm T1 3/4 LED, Diffused Wide-Angle LED
LS3369 SIEMENS-LS3369 Datasheet
126Kb / 7P
   LC 3 mm T1 LED, Diffused Low Current LED
LS3341 SIEMENS-LS3341 Datasheet
320Kb / 7P
   3 mm T1 LED, Non Diffused Super-Bright LED
LS3366 SIEMENS-LS3366 Datasheet
52Kb / 7P
   Hyper 3 mm T1 LED, Diffused Hyper-Bright LED
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com