Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LG3341-N Datasheet (PDF) - Siemens Semiconductor Group

LG3341-N Datasheet PDF - Siemens Semiconductor Group
Part # LG3341-N
Download  LG3341-N Download

File Size   320.18 Kbytes
Page   7 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 3 mm T1 LED, Non Diffused Super-Bright LED

LG3341-N Datasheet (PDF)

Go To PDF Page Download Datasheet
LG3341-N Datasheet PDF - Siemens Semiconductor Group

Part # LG3341-N
Download  LG3341-N Click to download

File Size   320.18 Kbytes
Page   7 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 3 mm T1 LED, Non Diffused Super-Bright LED

LG3341-N Datasheet (HTML) - Siemens Semiconductor Group

LG3341-N Datasheet HTML 1Page - Siemens Semiconductor Group LG3341-N Datasheet HTML 2Page - Siemens Semiconductor Group LG3341-N Datasheet HTML 3Page - Siemens Semiconductor Group LG3341-N Datasheet HTML 4Page - Siemens Semiconductor Group LG3341-N Datasheet HTML 5Page - Siemens Semiconductor Group LG3341-N Datasheet HTML 6Page - Siemens Semiconductor Group LG3341-N Datasheet HTML 7Page - Siemens Semiconductor Group

LG3341-N Product details

Features

● colored, clear package

● high luminous intensity

● optical coupling into light pipes

● solder leads with stand-off

● available taped on reel

● load dump resistant acc. to DIN 40839




Similar Part No. - LG3341-N

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LG3340 SIEMENS-LG3340 Datasheet
88Kb / 1P
   T1(3mm) LED LAMP
LG3340-KN SIEMENS-LG3340-KN Datasheet
88Kb / 1P
   T1(3mm) LED LAMP
LG3340-L SIEMENS-LG3340-L Datasheet
88Kb / 1P
   T1(3mm) LED LAMP
LG3340-LP SIEMENS-LG3340-LP Datasheet
88Kb / 1P
   T1(3mm) LED LAMP
LG3340-M SIEMENS-LG3340-M Datasheet
88Kb / 1P
   T1(3mm) LED LAMP
More results


Similar Description - LG3341-N

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LS5421 SIEMENS-LS5421 Datasheet
405Kb / 8P
   5 mm T1 3/4 LED, Non Diffused Super-Bright LED
logo
Infineon Technologies A...
LS5421 INFINEON-LS5421 Datasheet
75Kb / 9P
   5 mm (T1 쩐) LED, Non Diffused Super-Bright LED
2000-03-01
logo
Siemens Semiconductor G...
LH3344 SIEMENS-LH3344 Datasheet
283Kb / 7P
   3 mm (T1) LED, Non Diffused, Super-Bright, Hyper-Red GaAIAs-LED
logo
OSRAM GmbH
LW3333 OSRAM-LW3333 Datasheet
198Kb / 12P
   Hyper 3 mm (T1) LED, Non Diffused Hyper-Bright LED
logo
Siemens Semiconductor G...
LS3336 SIEMENS-LS3336 Datasheet
52Kb / 7P
   Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED
LSK376 SIEMENS-LSK376 Datasheet
364Kb / 7P
   Hyper ARGUS LED Hyper-Bright, 3 mm T1 LED, Non Diffused
LH5424 SIEMENS-LH5424 Datasheet
284Kb / 7P
   5 mm T1 3/4 LED, Non Diffused Super-Bright, Hyper-Red GaAIAs-LED
LH3364 SIEMENS-LH3364 Datasheet
280Kb / 7P
   3 mm T1 LED, Diffused Super-Bright, Hyper-Red GaAIAs-LED
LS3340 SIEMENS-LS3340 Datasheet
520Kb / 8P
   3 mm (T1) LED, Non Diffused
logo
OSRAM GmbH
LSK380 OSRAM-LSK380_02 Datasheet
114Kb / 10P
   3 mm (T1) LED, Non Diffused
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com