Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSG3331-JO Datasheet (PDF) - Siemens Semiconductor Group

LSG3331-JO Datasheet PDF - Siemens Semiconductor Group
Part # LSG3331-JO
Download  LSG3331-JO Download

File Size   331.85 Kbytes
Page   7 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 3 mm (T1) MULTILED, Non Diffused

LSG3331-JO Datasheet (PDF)

Go To PDF Page Download Datasheet
LSG3331-JO Datasheet PDF - Siemens Semiconductor Group

Part # LSG3331-JO
Download  LSG3331-JO Click to download

File Size   331.85 Kbytes
Page   7 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 3 mm (T1) MULTILED, Non Diffused

LSG3331-JO Datasheet (HTML) - Siemens Semiconductor Group

LSG3331-JO Datasheet HTML 1Page - Siemens Semiconductor Group LSG3331-JO Datasheet HTML 2Page - Siemens Semiconductor Group LSG3331-JO Datasheet HTML 3Page - Siemens Semiconductor Group LSG3331-JO Datasheet HTML 4Page - Siemens Semiconductor Group LSG3331-JO Datasheet HTML 5Page - Siemens Semiconductor Group LSG3331-JO Datasheet HTML 6Page - Siemens Semiconductor Group LSG3331-JO Datasheet HTML 7Page - Siemens Semiconductor Group

LSG3331-JO Product details

Features
● colorless clear plastic package
● antiparallel chips
● high signal efficiency possible by color change of the LED
● with appropriate controlling by IC (e.g. SDA2231) it is possible to change color from green to yellow, orange and super-red
● both colors can be controlled separately
● available taped on reel
● load dump resistant acc. to DIN 40839




Similar Part No. - LSG3331-JO

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSG3330 LIGITEK-LSG3330 Datasheet
1Mb / 5P
   ROUND TYPE LED LAMPS
More results


Similar Description - LSG3331-JO

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSPP370 SIEMENS-LSPP370 Datasheet
536Kb / 9P
   Plane MULTILED 3 mm T1 LED, Non Diffused
LSG3351 SIEMENS-LSG3351 Datasheet
332Kb / 7P
   3 mm (T1) MULTILED, Diffused
LU5351 SIEMENS-LU5351 Datasheet
325Kb / 7P
   5 mm (T1 3/4) MULTILED , Diffused
LUH371 SIEMENS-LUH371 Datasheet
331Kb / 7P
   Symbol MULTILED 5 mm T1 3/4, Partly Diffused
LS3340 SIEMENS-LS3340 Datasheet
520Kb / 8P
   3 mm (T1) LED, Non Diffused
logo
OSRAM GmbH
LSK380 OSRAM-LSK380_02 Datasheet
114Kb / 10P
   3 mm (T1) LED, Non Diffused
logo
Siemens Semiconductor G...
LSP380 SIEMENS-LSP380 Datasheet
270Kb / 8P
   Plane 3 mm (T1) LED, Non Diffused
LSK380 SIEMENS-LSK380 Datasheet
540Kb / 8P
   ARGUS LED 3 mm T1 LED, Non Diffused
LS5420 SIEMENS-LS5420 Datasheet
350Kb / 7P
   5 mm (T1 3/4) LED, Non Diffused
LS3341 SIEMENS-LS3341 Datasheet
320Kb / 7P
   3 mm T1 LED, Non Diffused Super-Bright LED
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com