Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSK376-T Datasheet (PDF) - Siemens Semiconductor Group

LSK376-T Datasheet PDF - Siemens Semiconductor Group
Part # LSK376-T
Download  LSK376-T Download

File Size   364.35 Kbytes
Page   7 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Hyper ARGUS LED Hyper-Bright, 3 mm T1 LED, Non Diffused

LSK376-T Datasheet (PDF)

Go To PDF Page Download Datasheet
LSK376-T Datasheet PDF - Siemens Semiconductor Group

Part # LSK376-T
Download  LSK376-T Click to download

File Size   364.35 Kbytes
Page   7 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Hyper ARGUS LED Hyper-Bright, 3 mm T1 LED, Non Diffused

LSK376-T Datasheet (HTML) - Siemens Semiconductor Group

LSK376-T Datasheet HTML 1Page - Siemens Semiconductor Group LSK376-T Datasheet HTML 2Page - Siemens Semiconductor Group LSK376-T Datasheet HTML 3Page - Siemens Semiconductor Group LSK376-T Datasheet HTML 4Page - Siemens Semiconductor Group LSK376-T Datasheet HTML 5Page - Siemens Semiconductor Group LSK376-T Datasheet HTML 6Page - Siemens Semiconductor Group LSK376-T Datasheet HTML 7Page - Siemens Semiconductor Group

LSK376-T Product details

Hyper ARGUS®LED

Hyper-Bright, 3 mm (T1) LED, Non Diffused



Features

●colored, clear package

●plasic package with a special design

●in connection with an additional, custom built reflector suitable for backlighting of display panels

●for optical coupling into light pipes

●uniform illumination of a diffuser screen in front of the custom built reflector

●solder leads with stand-off

●available taped on reel

●load dump resistant acc. to DIN 40839



 




Similar Part No. - LSK376-T

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LSK376 OSRAM-LSK376 Datasheet
473Kb / 12P
   colorless, clear 3 mm (T1) package with specially shaped lens
More results


Similar Description - LSK376-T

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LHK376 SIEMENS-LHK376 Datasheet
245Kb / 6P
   Hyper ARGUS LED Hyper-Bright, 3 mm T1, TS GaAIAs LED, Non Diffused
logo
OSRAM GmbH
LW3333 OSRAM-LW3333 Datasheet
198Kb / 12P
   Hyper 3 mm (T1) LED, Non Diffused Hyper-Bright LED
logo
Siemens Semiconductor G...
LS3336 SIEMENS-LS3336 Datasheet
52Kb / 7P
   Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED
LS3366 SIEMENS-LS3366 Datasheet
52Kb / 7P
   Hyper 3 mm T1 LED, Diffused Hyper-Bright LED
LS5436 SIEMENS-LS5436 Datasheet
64Kb / 6P
   Hyper 5 mm T1 LED, Non Diffused Hyper-Bright LED
logo
OSRAM GmbH
LB5433 OSRAM-LB5433 Datasheet
121Kb / 11P
   Hyper 5 mm (T1 쩐) LED, Non Diffused Hyper-Bright LED
logo
Siemens Semiconductor G...
LS3386 SIEMENS-LS3386 Datasheet
52Kb / 7P
   Hyper 3 mm T1 LED, Diffused Hyper-Bright, Wide-Angle LED
LH3344 SIEMENS-LH3344 Datasheet
283Kb / 7P
   3 mm (T1) LED, Non Diffused, Super-Bright, Hyper-Red GaAIAs-LED
LSK380 SIEMENS-LSK380 Datasheet
540Kb / 8P
   ARGUS LED 3 mm T1 LED, Non Diffused
LH3364 SIEMENS-LH3364 Datasheet
280Kb / 7P
   3 mm T1 LED, Diffused Super-Bright, Hyper-Red GaAIAs-LED
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com