Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LG3330 Datasheet (PDF) - Siemens Semiconductor Group

LG3330 Datasheet PDF - Siemens Semiconductor Group
Part # LG3330
Download  LG3330 Download

File Size   520.07 Kbytes
Page   8 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 3 mm (T1) LED, Non Diffused

LG3330 Datasheet (PDF)

Go To PDF Page Download Datasheet
LG3330 Datasheet PDF - Siemens Semiconductor Group

Part # LG3330
Download  LG3330 Click to download

File Size   520.07 Kbytes
Page   8 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 3 mm (T1) LED, Non Diffused

LG3330 Datasheet (HTML) - Siemens Semiconductor Group

LG3330 Datasheet HTML 1Page - Siemens Semiconductor Group LG3330 Datasheet HTML 2Page - Siemens Semiconductor Group LG3330 Datasheet HTML 3Page - Siemens Semiconductor Group LG3330 Datasheet HTML 4Page - Siemens Semiconductor Group LG3330 Datasheet HTML 5Page - Siemens Semiconductor Group LG3330 Datasheet HTML 6Page - Siemens Semiconductor Group LG3330 Datasheet HTML 7Page - Siemens Semiconductor Group LG3330 Datasheet HTML 8Page - Siemens Semiconductor Group

LG3330 Product details

DESCRIPTION
The LS 3340 super-red series and the LY 3340 yellow are prmium high efficiency light emitting diode lamps fabricated with TSN (transparent substrate nitrogen) technoloty. The LG 3330 green series is a gallium phosphide (GaP) lamp. All have a diffused plastic lens which emits a full flooded intense light.






Similar Part No. - LG3330

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LG3330-C9-PF LIGITEK-LG3330-C9-PF Datasheet
130Kb / 6P
   ROUND TYPE LED LAMPS
LG3330-H0-PF LIGITEK-LG3330-H0-PF Datasheet
137Kb / 6P
   ROUND TYPE LED LAMPS
LG3330-H0-PF-TBS-X LIGITEK-LG3330-H0-PF-TBS-X Datasheet
126Kb / 7P
   TAPE AND BOX TYPE LED LAMPS
LG3330-HV12-PF LIGITEK-LG3330-HV12-PF Datasheet
135Kb / 6P
   HIGH VOLTAGE LED LAMPS
LG3330-HV5-PF LIGITEK-LG3330-HV5-PF Datasheet
127Kb / 6P
   HIGH VOLTAGE LED LAMPS
More results


Similar Description - LG3330

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LSK380 OSRAM-LSK380_02 Datasheet
114Kb / 10P
   3 mm (T1) LED, Non Diffused
logo
Siemens Semiconductor G...
LSP380 SIEMENS-LSP380 Datasheet
270Kb / 8P
   Plane 3 mm (T1) LED, Non Diffused
LSK380 SIEMENS-LSK380 Datasheet
540Kb / 8P
   ARGUS LED 3 mm T1 LED, Non Diffused
LSPP370 SIEMENS-LSPP370 Datasheet
536Kb / 9P
   Plane MULTILED 3 mm T1 LED, Non Diffused
LS5420 SIEMENS-LS5420 Datasheet
350Kb / 7P
   5 mm (T1 3/4) LED, Non Diffused
LS3341 SIEMENS-LS3341 Datasheet
320Kb / 7P
   3 mm T1 LED, Non Diffused Super-Bright LED
LSGK370 SIEMENS-LSGK370 Datasheet
552Kb / 8P
   Multi ARGUS LED 3 mm T1 LED, Non Diffused
LSG3331 SIEMENS-LSG3331 Datasheet
331Kb / 7P
   3 mm (T1) MULTILED, Non Diffused
LR3360 SIEMENS-LR3360 Datasheet
229Kb / 8P
   3 mm (T1) LED, Diffused
logo
OSRAM GmbH
LW3333 OSRAM-LW3333 Datasheet
198Kb / 12P
   Hyper 3 mm (T1) LED, Non Diffused Hyper-Bright LED
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com