Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5695R Datasheet (PDF) - Analog Devices

AD5695R Datasheet PDF - Analog Devices
Part # AD5695R
Download  AD5695R Download

File Size   761.54 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad 16-/14-/12-Bit nanoDAC

AD5695R Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5695R Datasheet PDF - Analog Devices

Part # AD5695R
Download  AD5695R Click to download

File Size   761.54 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad 16-/14-/12-Bit nanoDAC

AD5695R Datasheet (HTML) - Analog Devices

Back Button AD5695R Datasheet HTML 1Page - Analog Devices AD5695R Datasheet HTML 2Page - Analog Devices AD5695R Datasheet HTML 3Page - Analog Devices AD5695R Datasheet HTML 4Page - Analog Devices AD5695R Datasheet HTML 5Page - Analog Devices AD5695R Datasheet HTML 6Page - Analog Devices AD5695R Datasheet HTML 7Page - Analog Devices AD5695R Datasheet HTML 8Page - Analog Devices AD5695R Datasheet HTML 9Page - Analog Devices AD5695R Datasheet HTML 10Page - Analog Devices Next Button 

AD5695R Product details

GENERAL DESCRIPTION
The AD5696R/AD5695R/AD5694R family, are low power, quad, 16-/14-/12-bit buffered voltage output DACs. The devices include a 2.5 V, 2 ppm/°C internal reference (enabled by default) and a gain select pin giving a full-scale output of 2.5 V (gain = 1) or 5 V (gain = 2). All devices operate from a single 2.7 V to 5.5 V supply, are guaranteed monotonic by design, and exhibit less than 0.1% FSR gain error and 1.5 mV offset error performance. The devices are available in a 3 mm × 3 mm LFCSP and a TSSOP package.

FEATURES
   High relative accuracy (INL): ±2 LSB maximum @ 16 bits
   Low drift 2.5 V reference: 2 ppm/°C typical
   Tiny package: 3 mm × 3 mm, 16-lead LFCSP

   Total unadjusted error (TUE): ±0.1% of FSR maximum
   Offset error: ±1.5 mV maximum
   Gain error: ±0.1% of FSR maximum
   High drive capability: 20 mA, 0.5 V from supply rails
   User selectable gain of 1 or 2 (GAIN pin)
   Reset to zero scale or midscale (RSTSEL pin)
   1.8 V logic compatibility
   Low glitch: 0.5 nV-sec
   400 kHz I2C-compatible serial interface
   Robust 3.5 kV HBM and 1.5 kV FICDM ESD rating
   Low power: 3.3 mW at 3 V
   2.7 V to 5.5 V power supply
   −40°C to +105°C temperature range
  
APPLICATIONS
   Optical transceivers
   Base-station power amplifiers
   Process control (PLC I/O cards)
   Industrial automation
   Data acquisition systems




Similar Part No. - AD5695R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5695R AD-AD5695R Datasheet
830Kb / 32P
   Quad, 16-/14-/12-Bit nanoDAC
REV. 0
AD5695R AD-AD5695R Datasheet
664Kb / 24P
   Quad, 16-/12-Bit nanoDAC with I2C Interface
REV. A
AD5695RARUZ AD-AD5695RARUZ Datasheet
1,021Kb / 29P
   Quad 16-/14-/12-Bit nanoDAC Reference, I2C Interface
AD5695RARUZ-RL7 AD-AD5695RARUZ-RL7 Datasheet
1,021Kb / 29P
   Quad 16-/14-/12-Bit nanoDAC Reference, I2C Interface
AD5695RBCPZ-RL7 AD-AD5695RBCPZ-RL7 Datasheet
1,021Kb / 29P
   Quad 16-/14-/12-Bit nanoDAC Reference, I2C Interface
More results


Similar Description - AD5695R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5686R AD-AD5686R Datasheet
830Kb / 32P
   Quad, 16-/14-/12-Bit nanoDAC
REV. 0
AD5686 AD-AD5686 Datasheet
746Kb / 27P
   Quad, 16-/12-Bit nanoDAC
AD5686R AD-AD5686R_17 Datasheet
1,005Kb / 31P
   Quad 16-/14-/12-Bit nanoDAC Reference, SPI Interface
AD5696R AD-AD5696R_17 Datasheet
1,021Kb / 29P
   Quad 16-/14-/12-Bit nanoDAC Reference, I2C Interface
AD5623R AD-AD5623R_15 Datasheet
1Mb / 32P
   Dual 12-/14-/16-Bit nanoDAC
AD5683R AD-AD5683R Datasheet
882Kb / 28P
   Tiny 16-/14-/12-Bit SPI nanoDAC
AD5696 AD-AD5696 Datasheet
748Kb / 24P
   Quad 16-/12-Bit nanoDAC I2C Interface
AD5693R AD-AD5693R Datasheet
867Kb / 26P
   Tiny 16-/14-/12-Bit I2C nanoDAC
AD5024 AD-AD5024_16 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad,SPI Interface
AD5694ARUZ AD-AD5694ARUZ Datasheet
664Kb / 24P
   Quad, 16-/12-Bit nanoDAC with I2C Interface
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com