Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8122 Datasheet (PDF) - Analog Devices

AD8122 Datasheet PDF - Analog Devices
Part # AD8122
Download  AD8122 Download

File Size   402.35 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Triple Differential Receiver

AD8122 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8122 Datasheet PDF - Analog Devices

Part # AD8122
Download  AD8122 Click to download

File Size   402.35 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Triple Differential Receiver

AD8122 Datasheet (HTML) - Analog Devices

Back Button AD8122 Datasheet HTML 1Page - Analog Devices AD8122 Datasheet HTML 2Page - Analog Devices AD8122 Datasheet HTML 3Page - Analog Devices AD8122 Datasheet HTML 4Page - Analog Devices AD8122 Datasheet HTML 5Page - Analog Devices AD8122 Datasheet HTML 6Page - Analog Devices AD8122 Datasheet HTML 7Page - Analog Devices AD8122 Datasheet HTML 8Page - Analog Devices AD8122 Datasheet HTML 9Page - Analog Devices AD8122 Datasheet HTML 10Page - Analog Devices Next Button 

AD8122 Product details

GENERAL DESCRIPTION
The AD8122 is a high speed, triple differential receiver and equalizer that compensates for the transmission losses of UTP cables up to 300 meters in length and coaxial cables up to 200 meters in length. Various gain stages are summed to best approximate the inverse frequency response of the cable. Each channel features a high impedance differential input with high rejection of common-mode (CM) signals that is ideal for interfacing directly with the cable.

FEATURES
   Compensates cables up to 300 meters for wideband video
      60 MHz equalized BW at 300 meters of UTP cable
      120 MHz equalized BW at 150 meters of UTP cable
   Fast time domain performance
      70 ns settling time to 1% at 300 meters of UTP cable
      7 ns rise/fall times with 2 V step at 300 meters of UTP cable
   3 frequency response gain adjustment pins
      High frequency peaking adjustment (VPEAK)
      Output low-pass filter cutoff adjustment (VFILTER)
      Broadband flat gain adjustment (VGAIN)
   Selectable for UTP or coaxial compensation
   DC output offset adjustment pin (VOFFSET)
   Low output offset voltage: ±4 mV at G = 1
   Compensates both RGB and YPbPr
   2 on-chip comparators with hysteresis can be used
      for common-mode sync pulse extraction
   Available in 40-lead, 6 mm × 6 mm LFCSP
  
APPLICATIONS
   Keyboard-video-mouse (KVM)
   Digital signage
   RGB video over UTP cables
   Professional video projection and distribution
   HD video
   Security video




Similar Part No. - AD8122

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD812 AD-AD812 Datasheet
372Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
AD812 AD-AD812 Datasheet
358Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
AD812 AD-AD812 Datasheet
358Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
AD8120 AD-AD8120 Datasheet
455Kb / 16P
   Triple Skew-Compensating Video Delay Line with Analog and Digital Control
REV. 0
AD8120ACPZ-R2 AD-AD8120ACPZ-R2 Datasheet
455Kb / 16P
   Triple Skew-Compensating Video Delay Line with Analog and Digital Control
REV. 0
More results


Similar Description - AD8122

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59910IRZ INTERSIL-ISL59910IRZ Datasheet
485Kb / 12P
   Triple Differential Receiver/Equalizer
December 15, 2006
logo
NXP Semiconductors
10116 PHILIPS-10116 Datasheet
258Kb / 5P
   Triple Differential Line Receiver
June 14 1990
logo
Renesas Technology Corp
ISL59910 RENESAS-ISL59910 Datasheet
819Kb / 12P
   Triple Differential Receiver/Equalizer
logo
Intersil Corporation
EL9111 INTERSIL-EL9111_07 Datasheet
576Kb / 13P
   Triple Differential Receiver/Equalizer
logo
Renesas Technology Corp
EL9111 RENESAS-EL9111 Datasheet
1Mb / 13P
   Triple Differential Receiver/Equalizer
May 9, 2007
logo
Intersil Corporation
EL9111 INTERSIL-EL9111 Datasheet
800Kb / 12P
   Triple Differential Receiver/Equalizer
EL9111 INTERSIL-EL9111_06 Datasheet
573Kb / 13P
   Triple Differential Receiver/Equalizer
ISL59910 INTERSIL-ISL59910 Datasheet
481Kb / 12P
   Triple Differential Receiver/Equalizer
EL9111IL INTERSIL-EL9111IL Datasheet
579Kb / 13P
   Triple Differential Receiver/Equalizer
May 9, 2007
logo
Analog Devices
AD8123 AD-AD8123 Datasheet
734Kb / 16P
   Triple Differential Receiver with Adjustable Line Equalization
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com