Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB245B-G Datasheet (PDF) - Comchip Technology

SB245B-G Datasheet PDF - Comchip Technology
Part # SB245B-G
Download  SB245B-G Download

File Size   59.95 Kbytes
Page   3 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description Leaded Schottky Barrier Rectifiers

SB245B-G Datasheet (PDF)

Go To PDF Page Download Datasheet
SB245B-G Datasheet PDF - Comchip Technology

Part # SB245B-G
Download  SB245B-G Click to download

File Size   59.95 Kbytes
Page   3 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description Leaded Schottky Barrier Rectifiers

SB245B-G Datasheet (HTML) - Comchip Technology

SB245B-G Datasheet HTML 1Page - Comchip Technology SB245B-G Datasheet HTML 2Page - Comchip Technology SB245B-G Datasheet HTML 3Page - Comchip Technology

SB245B-G Product details

Features
- Low drop down voltage.
- Metal-Semiconductor junction with guard ring
- High surge current capability
- Silicon epitaxial planar chips.
- For use in low voltage, high efficiency inverters,
   free wheeling, and polarity protection applications
- Lead-free part, meet RoHS requirements.

Mechanical Data
- Epoxy: UL94-V0 rated flame retardant
- Case: Molded plastic body DO-41
- Terminals: Solderable per MIL-STD-750 Method 2026
- Polarity: Color band denotes cathode end
- Mounting Position: Any
- Weight: 0.4 grams




Similar Part No. - SB245B-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
SB245EA-G COMCHIP-SB245EA-G Datasheet
77Kb / 3P
   ESD Leaded Schottky Barrier Rectifiers
SB245EB-G COMCHIP-SB245EB-G Datasheet
77Kb / 3P
   ESD Leaded Schottky Barrier Rectifiers
SB245ET-G COMCHIP-SB245ET-G Datasheet
77Kb / 3P
   ESD Leaded Schottky Barrier Rectifiers
More results


Similar Description - SB245B-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
SB520-G COMCHIP-SB520-G Datasheet
60Kb / 3P
   Leaded Schottky Barrier Rectifiers
SB120-G COMCHIP-SB120-G Datasheet
59Kb / 3P
   Leaded Schottky Barrier Rectifiers
SB320-G COMCHIP-SB320-G Datasheet
59Kb / 3P
   Leaded Schottky Barrier Rectifiers
SB220E-G COMCHIP-SB220E-G Datasheet
77Kb / 3P
   ESD Leaded Schottky Barrier Rectifiers
SB220E-G COMCHIP-SB220E-G Datasheet
77Kb / 3P
   ESD Leaded Schottky Barrier Rectifiers
SB320E-G COMCHIP-SB320E-G Datasheet
60Kb / 3P
   ESD Leaded Schottky Barrier Rectifiers
SB520E-G COMCHIP-SB520E-G Datasheet
60Kb / 3P
   ESD Leaded Schottky Barrier Rectifiers
logo
Chip Integration Techno...
SR52 CITC-SR52 Datasheet
457Kb / 3P
   5A Leaded Type Schottky Barrier Rectifiers
logo
SUNMATE electronic Co.,...
1N5820 SUNMATE-1N5820 Datasheet
77Kb / 2P
   3.0A Axial Leaded Schottky Barrier Rectifiers
SR502 SUNMATE-SR502 Datasheet
121Kb / 2P
   5.0A Axial Leaded Schottky Barrier Rectifiers
More results




About Comchip Technology


Comchip Technology is a global manufacturer of high-quality discrete semiconductors and passive components. The company was founded in 1987 and is headquartered in Taiwan.

Comchip Technology offers a wide range of products, including diodes, rectifiers, bridge rectifiers, transient voltage suppressors, and zener diodes. The company also produces a variety of passive components, such as ceramic capacitors, tantalum capacitors, and inductors.

Comchip Technology has a strong focus on research and development, and has developed a number of proprietary technologies that have helped to establish the company as a leader in its field. The company has also established strategic partnerships with other leading semiconductor manufacturers in order to further enhance its capabilities.

Comchip Technology's products are used in a variety of applications, including power management, consumer electronics, automotive, telecommunications, and industrial equipment. The company is committed to providing high-quality products and exceptional customer service, and is continuously improving its products and processes in order to better meet the needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com