Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM9161CI Datasheet (PDF) - Davicom Semiconductor, Inc.

DM9161CI Datasheet PDF - Davicom Semiconductor, Inc.
Part # DM9161CI
Download  DM9161CI Download

File Size   696.83 Kbytes
Page   47 Pages
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.
Description Industrial-Temperature 10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver

DM9161CI Datasheet (PDF)

Go To PDF Page Download Datasheet
DM9161CI Datasheet PDF - Davicom Semiconductor, Inc.

Part # DM9161CI
Download  DM9161CI Click to download

File Size   696.83 Kbytes
Page   47 Pages
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.
Description Industrial-Temperature 10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver

DM9161CI Datasheet (HTML) - Davicom Semiconductor, Inc.

Back Button DM9161CI Datasheet HTML 1Page - Davicom Semiconductor, Inc. DM9161CI Datasheet HTML 2Page - Davicom Semiconductor, Inc. DM9161CI Datasheet HTML 3Page - Davicom Semiconductor, Inc. DM9161CI Datasheet HTML 4Page - Davicom Semiconductor, Inc. DM9161CI Datasheet HTML 5Page - Davicom Semiconductor, Inc. DM9161CI Datasheet HTML 6Page - Davicom Semiconductor, Inc. DM9161CI Datasheet HTML 7Page - Davicom Semiconductor, Inc. DM9161CI Datasheet HTML 8Page - Davicom Semiconductor, Inc. DM9161CI Datasheet HTML 9Page - Davicom Semiconductor, Inc. DM9161CI Datasheet HTML 10Page - Davicom Semiconductor, Inc. Next Button 

DM9161CI Product details

General Description

DAVICOM’s DM9161CI is a industrial-temperature physical layer, low power, and single-chip 10BASE T/100BASE-TX transceiver specifically designed for consumer electronics, industrial, and enterprise applications. Through using a CMOS process, the DM9161CI has the advantage of ensuring both high performance and savings in power consumption.



Features
■ Fully complies with IEEE 802.3 / IEEE 802.3u 10BaseT/ 100Base-TX, ANSI X3T12 TP-PMD 1995 standards
■ Support HP MDI/MDI-X auto crossover function (HP Auto-MDIX)
■ Support Auto-Negotiation function, compliant with IEEE 802.3u
■ Fully integrated Physical layer transceiver On-chip filtering with direct interface to magnetic transformer
■ Selectable repeater or node mode
■ Selectable MII or RMII (Reduced MII) mode for 100Base-TX and 10Base-TX. Selectable MII or GPSI (7-Wired) mode for 10Base-T
■ Selectable full-duplex or half-duplex operation
■ MII management interface with mask-able interrupt output capability
■ Provide Loopback mode for easy system diagnostics
■ LED status outputs indicate Link/ Activity, Speed10/100 and Full-duplex/Collision. Support DualLED optional control
■ Single low power Supply of 3.3V with an advanced CMOS technology, Built in 3.3V to 1.8V regulator
■ Lower Power consumption modes:
■ Power Reduced mode (cable detection)
■ Power Down mode
■ Supports industrial-temperature (-40℃ ~ +85℃)
■ Selectable TX drivers for 1:1 or 1.25:1 transformers for additional power reduction . 1.25: 1 transformers only when HP Auto-MDIX Disable.
■ Compatible with 3.3V and 5.0V tolerant I/Os
■ DM9161CIE pin to pin Compatible with DM9161AE / DM9161BE
■ DSP architecture PHY Transceiver.
■ 48-pin LQFP - 0.18um process




Similar Part No. - DM9161CI

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM9161CIEP DAVICOM-DM9161CIEP Datasheet
106Kb / 2P
   Industrial-Temperature 10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161CI DAVICOM-DM9161CI_1 Datasheet
106Kb / 2P
   Industrial-Temperature 10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
More results


Similar Description - DM9161CI

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM9161CI DAVICOM-DM9161CI_1 Datasheet
106Kb / 2P
   Industrial-Temperature 10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161BI DAVICOM-DM9161BI Datasheet
519Kb / 45P
   Industrial-grade 10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
logo
List of Unclassifed Man...
DM9161 ETC-DM9161 Datasheet
561Kb / 47P
   10/100 Mbps FAST ETHERNET PHYSICAL LAYER SINGLE CHIP TRANSCEIVER
logo
Davicom Semiconductor, ...
DM9161EP DAVICOM-DM9161EP Datasheet
94Kb / 3P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161C DAVICOM-DM9161C Datasheet
696Kb / 47P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161BIEP DAVICOM-DM9161BIEP Datasheet
129Kb / 2P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161C DAVICOM-DM9161C_1 Datasheet
70Kb / 2P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161AEP DAVICOM-DM9161AEP Datasheet
150Kb / 2P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161BEP DAVICOM-DM9161BEP Datasheet
172Kb / 3P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9162 DAVICOM-DM9162 Datasheet
70Kb / 2P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com