Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMMT2907A-7 Datasheet (PDF) - Diodes Incorporated

DMMT2907A-7 Datasheet PDF - Diodes Incorporated
Part # DMMT2907A-7
Download  DMMT2907A-7 Download

File Size   220.3 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR

DMMT2907A-7 Datasheet (PDF)

Go To PDF Page Download Datasheet
DMMT2907A-7 Datasheet PDF - Diodes Incorporated

Part # DMMT2907A-7
Download  DMMT2907A-7 Click to download

File Size   220.3 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR

DMMT2907A-7 Datasheet (HTML) - Diodes Incorporated

DMMT2907A-7 Datasheet HTML 1Page - Diodes Incorporated DMMT2907A-7 Datasheet HTML 2Page - Diodes Incorporated DMMT2907A-7 Datasheet HTML 3Page - Diodes Incorporated DMMT2907A-7 Datasheet HTML 4Page - Diodes Incorporated DMMT2907A-7 Datasheet HTML 5Page - Diodes Incorporated DMMT2907A-7 Datasheet HTML 6Page - Diodes Incorporated DMMT2907A-7 Datasheet HTML 7Page - Diodes Incorporated

DMMT2907A-7 Product details

Features
• BVCEO > -60V
• ICM = -1A Peak Pulse Current
• General Purpose PNP Transistors Ideally Suited for Low Power
   Amplification and Switching Applications
• Dual Transistors in a Single SOT26 Package, Taking Half of the
   Footprint of Two Equivalent Transistors in SOT23
• Epitaxial Planar Die Construction
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - DMMT2907A-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMMT2907A DIODES-DMMT2907A_15 Datasheet
220Kb / 7P
   60V DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
More results


Similar Description - DMMT2907A-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMMT2907A DIODES-DMMT2907A_15 Datasheet
220Kb / 7P
   60V DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMDT2907A DIODES-MMDT2907A_16 Datasheet
259Kb / 6P
   60V DUAL PNP SMALL SIGNAL TRANSISTOR
MMDT4403 DIODES-MMDT4403_1 Datasheet
437Kb / 4P
   DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30110 Rev. 7 - 2
MMDT2907V DIODES-MMDT2907V Datasheet
152Kb / 4P
   DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30564 Rev. 4 - 2
MMDT4403 DIODES-MMDT4403_15 Datasheet
177Kb / 4P
   DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
BC857BV DIODES-BC857BV_15 Datasheet
352Kb / 5P
   PNP DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMDT4403 DIODES-MMDT4403_2 Datasheet
177Kb / 4P
   DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30110 Rev. 10 - 2
DST857BDJ DIODES-DST857BDJ Datasheet
143Kb / 5P
   DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS32037 Rev. 1 - 2
logo
Unisonic Technologies
MMDT3906 UTC-MMDT3906 Datasheet
121Kb / 4P
   DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
IMT4 DIODES-IMT4_1 Datasheet
455Kb / 4P
   DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30303 Rev. 7 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com