Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8PT08F-S Datasheet (PDF) - Nell Semiconductor Co., Ltd

8PT08F-S Datasheet PDF - Nell Semiconductor Co., Ltd
Part # 8PT08F-S
Download  8PT08F-S Download

File Size   1084.78 Kbytes
Page   7 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description Sensitive and Standard SCRs, 8A

8PT08F-S Datasheet (PDF)

Go To PDF Page Download Datasheet
8PT08F-S Datasheet PDF - Nell Semiconductor Co., Ltd

Part # 8PT08F-S
Download  8PT08F-S Click to download

File Size   1084.78 Kbytes
Page   7 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description Sensitive and Standard SCRs, 8A

8PT08F-S Datasheet (HTML) - Nell Semiconductor Co., Ltd

8PT08F-S Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 8PT08F-S Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 8PT08F-S Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 8PT08F-S Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 8PT08F-S Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 8PT08F-S Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 8PT08F-S Datasheet HTML 7Page - Nell Semiconductor Co., Ltd



Similar Part No. - 8PT08F-S

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
8PT NELLSEMI-8PT Datasheet
413Kb / 7P
   Sensitive and Standard SCRs, 8A
8PTxxA NELLSEMI-8PTxxA Datasheet
414Kb / 7P
   Sensitive and Standard SCRs, 8A
8PTxxA-S NELLSEMI-8PTxxA-S Datasheet
414Kb / 7P
   Sensitive and Standard SCRs, 8A
8PTxxA-T NELLSEMI-8PTxxA-T Datasheet
414Kb / 7P
   Sensitive and Standard SCRs, 8A
8PTxxF NELLSEMI-8PTxxF Datasheet
414Kb / 7P
   Sensitive and Standard SCRs, 8A
More results


Similar Description - 8PT08F-S

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
8PT NELLSEMI-8PT Datasheet
413Kb / 7P
   Sensitive and Standard SCRs, 8A
8PT NELLSEMI-8PT_14 Datasheet
414Kb / 7P
   Sensitive and Standard SCRs, 8A
12PT NELLSEMI-12PT_18 Datasheet
978Kb / 7P
   Sensitive and Standard SCRs
12PT NELLSEMI-12PT_14 Datasheet
3Mb / 7P
   Sensitive and Standard SCRs, 12A
12PT NELLSEMI-12PT Datasheet
3Mb / 7P
   Sensitive and Standard SCRs, 12A
12PT06AI-S NELLSEMI-12PT06AI-S Datasheet
1Mb / 7P
   Sensitive and Standard SCRs, 12A
logo
STMicroelectronics
TN12 STMICROELECTRONICS-TN12_07 Datasheet
153Kb / 12P
   Sensitive and Standard 12 A SCRS
TN805 STMICROELECTRONICS-TN805_10 Datasheet
153Kb / 12P
   Sensitive and standard 8 A SCRs
TS1220-600T STMICROELECTRONICS-TS1220-600T Datasheet
156Kb / 13P
   Sensitive and standard 12 A SCRs
September 2011 Rev 7
TYN412RG STMICROELECTRONICS-TYN412RG Datasheet
156Kb / 13P
   Sensitive and standard 12 A SCRs
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com