Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NKC160 Datasheet (PDF) - Nell Semiconductor Co., Ltd

NKC160 Datasheet PDF - Nell Semiconductor Co., Ltd
Part # NKC160
Download  NKC160 Download

File Size   1405.58 Kbytes
Page   3 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description Standard Recovery Diodes, 160 A (INT-A-PAK Power Modules)

NKC160 Datasheet (PDF)

Go To PDF Page Download Datasheet
NKC160 Datasheet PDF - Nell Semiconductor Co., Ltd

Part # NKC160
Download  NKC160 Click to download

File Size   1405.58 Kbytes
Page   3 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description Standard Recovery Diodes, 160 A (INT-A-PAK Power Modules)

NKC160 Datasheet (HTML) - Nell Semiconductor Co., Ltd

NKC160 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd NKC160 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd NKC160 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd



Similar Part No. - NKC160

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
NKC160 NELLSEMI-NKC160 Datasheet
353Kb / 4P
   Standard Recovery Diodes, 160 A
NKC160S NELLSEMI-NKC160S Datasheet
2Mb / 3P
   Standard Recovery Diodes, 160 A(INT-A-PAK Power Modules)
NKC160S NELLSEMI-NKC160S Datasheet
206Kb / 4P
   Standard Recovery Diodes, 160 A
More results


Similar Description - NKC160

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
NKD160S NELLSEMI-NKD160S Datasheet
2Mb / 3P
   Standard Recovery Diodes, 160 A(INT-A-PAK Power Modules)
NKE160-08A NELLSEMI-NKE160-08A Datasheet
326Kb / 4P
   Standard Recovery Diodes, 160 A(INT-A-PAK Power Modules)
NKD240 NELLSEMI-NKD240 Datasheet
1Mb / 3P
   Standard Recovery Diodes, 240 A(INT-A-PAK Power Modules)
NKD200 NELLSEMI-NKD200 Datasheet
1Mb / 3P
   Standard Recovery Diodes, 200 A(INT-A-PAK Power Modules)
logo
Vishay Siliconix
VS-VSK.166..PBF VISHAY-VS-VSK.166..PBF Datasheet
280Kb / 13P
   Standard Recovery Diodes, 165 A to 230 A (INT-A-PAK Power Modules)
01-Jan-2022
VS-VSK166PBF VISHAY-VS-VSK166PBF Datasheet
281Kb / 13P
   Standard Recovery Diodes, 165 A to 230 A (INT-A-PAK Power Modules)
01-Jan-2022
VSKC166-16PBF VISHAY-VSKC166-16PBF Datasheet
237Kb / 13P
   Standard Recovery Diodes, 165 A to 230 A (INT-A-PAK Power Modules)
Revision: 30-Apr-13
VSKD236 VISHAY-VSKD236_10 Datasheet
278Kb / 13P
   Standard Recovery Diodes, 165 A to 230 A (INT-A-PAK Power Modules)
Revision: 20-May-10
VS-VSKD166 VISHAY-VS-VSKD166_V01 Datasheet
281Kb / 13P
   Standard Recovery Diodes, 165 A to 230 A (INT-A-PAK Power Modules)
01-Jan-2022
VS-VSK.166PBF VISHAY-VS-VSK.166PBF Datasheet
282Kb / 13P
   Standard Recovery Diodes, 165 A to 230 A (INT-A-PAK Power Modules)
Revision: 29-Sep-15
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com