Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMS1085S-3.3 Datasheet (PDF) - Advanced Monolithic Systems Ltd

AMS1085S-3.3 Datasheet PDF - Advanced Monolithic Systems Ltd
Part # AMS1085S-3.3
Download  AMS1085S-3.3 Download

File Size   2325.55 Kbytes
Page   11 Pages
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd
Description 3A LDO VOLTAGE REGULATOR

AMS1085S-3.3 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMS1085S-3.3 Datasheet PDF - Advanced Monolithic Systems Ltd

Part # AMS1085S-3.3
Download  AMS1085S-3.3 Click to download

File Size   2325.55 Kbytes
Page   11 Pages
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd
Description 3A LDO VOLTAGE REGULATOR

AMS1085S-3.3 Datasheet (HTML) - Advanced Monolithic Systems Ltd

Back Button AMS1085S-3.3 Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS1085S-3.3 Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS1085S-3.3 Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS1085S-3.3 Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS1085S-3.3 Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS1085S-3.3 Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS1085S-3.3 Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS1085S-3.3 Datasheet HTML 8Page - Advanced Monolithic Systems Ltd AMS1085S-3.3 Datasheet HTML 9Page - Advanced Monolithic Systems Ltd AMS1085S-3.3 Datasheet HTML 10Page - Advanced Monolithic Systems Ltd Next Button 

AMS1085S-3.3 Product details

DESCRIPTION
The AMS1085 is a positive low voltage dropout regulator, voltage dropout is only 1.18V at 3A.
AMS1085 has two versions: the fixed version and the adjustable version. VOUT has a tolerance of less than 1% for fixed versions 1.5V, 1.8V, 2.5V, 3.3V, 5.0V and adjustable version.
The AMS1085 integrates overheating protection and current limit circuits. It is an suitable for all electronic products.

FEATURES
* 1% accuracy for fixed output VOUT while the voltage is 1.5V,
   1.8V, 2.5V, 3.3V, 5.0V and the adjustable output VOUT
* Low Dropout Voltage: 1.18V at 3A output current
* Current Limiting: 4.5A
* Load regulation : 0.1% typical (adjustable version)
* Line regulation : 0.015% typical (adjustable version)
* Temperature Range: 0°C to 125°C

APPLICATIONS
* High Efficiency Linear Regulators
* SMPS Post-Regulator
* Battery Charger
* Microprocessor Supply
* Desktop PCs, RISC and embedded processorssupply




Similar Part No. - AMS1085S-3.3

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1085 ADMOS-AMS1085 Datasheet
85Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
AMS1085 ADMOS-AMS1085 Datasheet
194Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
AMS1085CD ADMOS-AMS1085CD Datasheet
85Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
AMS1085CD ADMOS-AMS1085CD Datasheet
194Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
AMS1085CD-1.5 ADMOS-AMS1085CD-1.5 Datasheet
194Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
More results


Similar Description - AMS1085S-3.3

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM1085DG ELM-TECH-ELM1085DG Datasheet
681Kb / 3P
   Bipolar 3A LDO Voltage regulator
ELM1085DG-33-S ELM-TECH-ELM1085DG-33-S Datasheet
88Kb / 5P
   Bipolar 3A LDO Voltage regulator
logo
Richtek Technology Corp...
RT9172 RICHTEK-RT9172_08 Datasheet
191Kb / 16P
   3A Fixed Output Voltage LDO Regulator
RT9172 RICHTEK-RT9172_07 Datasheet
225Kb / 15P
   3A Fixed Output Voltage LDO Regulator
RT9172 RICHTEK-RT9172 Datasheet
342Kb / 16P
   3A FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Micrel Semiconductor
MIC35302 MICREL-MIC35302 Datasheet
336Kb / 8P
   3A, Low Voltage 關Cap LDO Regulator
MIC29302A MICREL-MIC29302A_14 Datasheet
736Kb / 18P
   3A Fast-Response LDO Regulator
logo
Guangdong Youtai Semico...
MIC29302 UMW-MIC29302 Datasheet
697Kb / 13P
   3A Fast-Response LDO Regulator
logo
Micrel Semiconductor
MIC29310 MICREL-MIC29310_06 Datasheet
277Kb / 12P
   3A Fast-Response LDO Regulator
MIC29302A MICREL-MIC29302A Datasheet
695Kb / 20P
   3A Fast-Response LDO Regulator
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com