Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMS1084S2-3.3TR Datasheet (PDF) - Advanced Monolithic Systems Ltd

AMS1084S2-3.3TR Datasheet PDF - Advanced Monolithic Systems Ltd
Part # AMS1084S2-3.3TR
Download  AMS1084S2-3.3TR Download

File Size   2043.67 Kbytes
Page   11 Pages
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd
Description 5A LDO VOLTAGE REGULATOR

AMS1084S2-3.3TR Datasheet (PDF)

Go To PDF Page Download Datasheet
AMS1084S2-3.3TR Datasheet PDF - Advanced Monolithic Systems Ltd

Part # AMS1084S2-3.3TR
Download  AMS1084S2-3.3TR Click to download

File Size   2043.67 Kbytes
Page   11 Pages
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd
Description 5A LDO VOLTAGE REGULATOR

AMS1084S2-3.3TR Datasheet (HTML) - Advanced Monolithic Systems Ltd

Back Button AMS1084S2-3.3TR Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS1084S2-3.3TR Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS1084S2-3.3TR Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS1084S2-3.3TR Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS1084S2-3.3TR Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS1084S2-3.3TR Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS1084S2-3.3TR Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS1084S2-3.3TR Datasheet HTML 8Page - Advanced Monolithic Systems Ltd AMS1084S2-3.3TR Datasheet HTML 9Page - Advanced Monolithic Systems Ltd AMS1084S2-3.3TR Datasheet HTML 10Page - Advanced Monolithic Systems Ltd Next Button 

AMS1084S2-3.3TR Product details

GENERAL DESCRIPTION

The AMS1084 series of adjustable and fixed voltage regulators are designed to provide 5A output current and to operate down to 1V input-to-output differential. The dropout voltage of the device is guaranteed maximum 1.5V at maximum output current, decreasing at lower load currents.

On-chip trimming adjusts the reference voltage to 1%. Current limitis also trimmed, minimizing the stress under overload conditions on both the regulator and power source circuitry.



FEATURES

•Three Terminal Adjustable or Fixed

             1.5V, 2.5V, 2.85V, 3.0V, 3.3V, 3.5V and 5.0V

•Output Current of 5A

•Operates Downto 1V Dropout

•Line Regulation: 0.015%

•Load Regulation: 0.1%

•TO-220, TO-263 and TO-252 packages available




Similar Part No. - AMS1084S2-3.3TR

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1084 ADMOS-AMS1084 Datasheet
76Kb / 8P
   5A LOW DROPOUT VOLTAGE REGULATOR
AMS1084 ADMOS-AMS1084 Datasheet
192Kb / 9P
   5A LOW DROPOUT VOLTAGE REGULATOR
AMS1084CD ADMOS-AMS1084CD Datasheet
192Kb / 9P
   5A LOW DROPOUT VOLTAGE REGULATOR
AMS1084CD ADMOS-AMS1084CD Datasheet
133Kb / 9P
   High Efficiency Linear Regulators
AMS1084CD-1.5 ADMOS-AMS1084CD-1.5 Datasheet
192Kb / 9P
   5A LOW DROPOUT VOLTAGE REGULATOR
More results


Similar Description - AMS1084S2-3.3TR

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SA1084 SILAN-SA1084 Datasheet
451Kb / 10P
   5A LDO VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC37500 MICREL-MIC37500 Datasheet
46Kb / 8P
   5A, Low voltage uCap LDO REgulator
logo
Guangdong Youtai Semico...
AMS1084CM-3.3 UMW-AMS1084CM-3.3 Datasheet
1Mb / 11P
   5A LDO regulator circuit
logo
Micrel Semiconductor
MIC37501 MICREL-MIC37501 Datasheet
393Kb / 11P
   5A, Low Voltage 關Cap LDO Regulator
MIC37501 MICREL-MIC37501_11 Datasheet
346Kb / 11P
   5A, Low Voltage 關Cap LDO Regulator
MIC29510 MICREL-MIC29510_06 Datasheet
315Kb / 10P
   5A Fast-Response LDO Regulator
logo
AiT Semiconductor Inc.
A1084 AITSEMI-A1084 Datasheet
905Kb / 13P
   BIPOLAR LDO REGULATOR 5A BIPOLAR LINEAR REGULATOR
REV1.3
logo
Avic Technology
AV1084 AVICTEK-AV1084 Datasheet
9Mb / 8P
   5A Adjustable Low Dropout Linear Regulator (LDO)
logo
List of Unclassifed Man...
L1084S5 ETC-L1084S5 Datasheet
46Kb / 4P
   5A Adjustable Low Dropout Linear Regulator (LDO)
L1084 ETC-L1084 Datasheet
232Kb / 8P
   5A Adjustable Low Dropout Linear Regulator (LDO)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com