Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN25S20-75XIP Datasheet (PDF) - Eon Silicon Solution Inc.

EN25S20-75XIP Datasheet PDF - Eon Silicon Solution Inc.
Part # EN25S20-75XIP
Download  EN25S20-75XIP Download

File Size   564.71 Kbytes
Page   34 Pages
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.
Description 2 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector

EN25S20-75XIP Datasheet (PDF)

Go To PDF Page Download Datasheet
EN25S20-75XIP Datasheet PDF - Eon Silicon Solution Inc.

Part # EN25S20-75XIP
Download  EN25S20-75XIP Click to download

File Size   564.71 Kbytes
Page   34 Pages
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.
Description 2 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector

EN25S20-75XIP Datasheet (HTML) - Eon Silicon Solution Inc.

Back Button EN25S20-75XIP Datasheet HTML 1Page - Eon Silicon Solution Inc. EN25S20-75XIP Datasheet HTML 2Page - Eon Silicon Solution Inc. EN25S20-75XIP Datasheet HTML 3Page - Eon Silicon Solution Inc. EN25S20-75XIP Datasheet HTML 4Page - Eon Silicon Solution Inc. EN25S20-75XIP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN25S20-75XIP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN25S20-75XIP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25S20-75XIP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25S20-75XIP Datasheet HTML 9Page - Eon Silicon Solution Inc. EN25S20-75XIP Datasheet HTML 10Page - Eon Silicon Solution Inc. Next Button 

EN25S20-75XIP Product details

GENERAL DESCRIPTION
The EN25S20 is a 2 Megabit (256K-byte) Serial Flash memory, with advanced write protection mechanisms, accessed by a high speed SPI-compatible bus. The memory can be programmed 1 to 256 bytes at a time, using the Page Program instruction.

FEATURES
• Single power supply operation
    - Full voltage range: 1.65-1.95 volt
• Serial Interface Architecture
    - SPI Compatible: Mode 0 and Mode 3
• 2 M-bit Serial Flash
    - 2 M-bit/256 K-byte/1024 pages
    - 256 bytes per programmable page
• High performance
    - 75MHz clock rate
• Low power consumption
    - 7 mA typical active current
    - 1 μA typical power down current
• Uniform Sector Architecture:
    - 64 sectors of 4-Kbyte
    - 4 blocks of 64-Kbyte
    - Any sector or block can be erased individually
• Software and Hardware Write Protection:
    - Block Protect Bits are default set to “1” at Power-up
    - Write Protect all or portion of memory via software
    - Enable/Disable protection with WP# pin
• High performance program/erase speed
    - Page program time: 1.5ms typical
    - Sector erase time: 90ms typical
    - Block erase time 500ms typical
    - Chip erase time: 2 seconds typical
• Lockable 256 byte OTP security sector
• Minimum 100K endurance cycle
• Package Options
    - 8 pins SOP 150mil body width
    - 8 contact USON 2x3 mm
    - 8 contact VDFN 5x6mm
    - All Pb-free packages are RoHS compliant
• Industrial temperature Range




Similar Part No. - EN25S20-75XIP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25S20A EON-EN25S20A Datasheet
1Mb / 65P
   2 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
More results


Similar Description - EN25S20-75XIP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25S20A EON-EN25S20A Datasheet
1Mb / 65P
   2 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S10 EON-EN25S10 Datasheet
534Kb / 34P
   1 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S16A EON-EN25S16A Datasheet
1Mb / 70P
   16 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
logo
List of Unclassifed Man...
EN25S32A ETC1-EN25S32A Datasheet
1Mb / 89P
   32 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
logo
Eon Silicon Solution In...
EN25S40 EON-EN25S40_11 Datasheet
546Kb / 34P
   4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S16 EON-EN25S16 Datasheet
1Mb / 58P
   16 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S64 EON-EN25S64 Datasheet
1Mb / 62P
   64 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S80 EON-EN25S80 Datasheet
604Kb / 37P
   8 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S40 EON-EN25S40 Datasheet
594Kb / 37P
   4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S32 EON-EN25S32 Datasheet
1Mb / 59P
   32 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com