Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP211HCT Datasheet (PDF) - Sipex Corporation

SP211HCT Datasheet PDF - Sipex Corporation
Part # SP211HCT
Download  SP211HCT Download

File Size   216.23 Kbytes
Page   14 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 5V High-Speed RS-232 Transceivers

SP211HCT Datasheet (PDF)

Go To PDF Page Download Datasheet
SP211HCT Datasheet PDF - Sipex Corporation

Part # SP211HCT
Download  SP211HCT Click to download

File Size   216.23 Kbytes
Page   14 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 5V High-Speed RS-232 Transceivers

SP211HCT Datasheet (HTML) - Sipex Corporation

Back Button SP211HCT Datasheet HTML 1Page - Sipex Corporation SP211HCT Datasheet HTML 2Page - Sipex Corporation SP211HCT Datasheet HTML 3Page - Sipex Corporation SP211HCT Datasheet HTML 4Page - Sipex Corporation SP211HCT Datasheet HTML 5Page - Sipex Corporation SP211HCT Datasheet HTML 6Page - Sipex Corporation SP211HCT Datasheet HTML 7Page - Sipex Corporation SP211HCT Datasheet HTML 8Page - Sipex Corporation SP211HCT Datasheet HTML 9Page - Sipex Corporation SP211HCT Datasheet HTML 10Page - Sipex Corporation Next Button 

SP211HCT Product details

DESCRIPTION…
The SP207H and SP211H are multi–channel RS-232 line transceivers configured to fit most communication needs. The "H" series is based on Sipexs SP200 Series transceivers and has been enhanced for speed. The data rate is improved to over 460kbps which easily meets the 230.4kbps data rates for V.34. The SP207H and SP211H use the same on-board charge pump to provide ±10V voltage levels, using 0.1µF charge pump capacitors to save board space and reduce circuit cost. The SP207HB, SP211H and SP211HB feature a low–power shutdown mode, which reduces power supply drain to 1µA. A WakeUp function keeps the receivers active in the shutdown mode (SP207HB and SP211HB only).

■ Single 5V Supply Operation
■ 0.1µF External Charge Pump Capacitors
■ 460kbps Minimum Data Rate
■ Standard SOIC and SSOP Packages
■ SP207H - Five (5) Drivers and Three (3) Receivers
   SP211H - Four (4) Drivers and Five (5) Receivers
■ 1µA Shutdown Mode
■ WakeUp Feature in Shutdown Mode
■ Tri–State Receiver Outputs
■ Ideal for V.34 and High Speed RS-232 Applications




Similar Part No. - SP211HCT

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP211HCT SIPEX-SP211HCT Datasheet
216Kb / 14P
   5V High-Speed RS-232 Transceivers
More results


Similar Description - SP211HCT

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP207H SIPEX-SP207H Datasheet
216Kb / 14P
   5V High-Speed RS-232 Transceivers
SP200 SIPEX-SP200_05 Datasheet
263Kb / 16P
   5V High-Speed RS-232 Transceivers with 0.1mF Capacitors
SP200 SIPEX-SP200 Datasheet
213Kb / 15P
   5V High-Speed RS-232 Transceivers with 0.1uF Capacitors
logo
Exar Corporation
SP211CA-L-TR EXAR-SP211CA-L-TR Datasheet
1Mb / 15P
   5V RS-232 Serial Transceivers
SP211ECA-L-TR EXAR-SP211ECA-L-TR Datasheet
1Mb / 15P
   5V RS-232 Serial Transceivers
SP211EEA-L-TR EXAR-SP211EEA-L-TR Datasheet
1Mb / 15P
   5V RS-232 Serial Transceivers
SP208ECA-L-TR EXAR-SP208ECA-L-TR Datasheet
1Mb / 15P
   5V RS-232 Serial Transceivers
SP206 EXAR-SP206 Datasheet
1Mb / 14P
   5V RS-232 Serial Transceivers
SP213EHCA EXAR-SP213EHCA Datasheet
995Kb / 19P
   Low Power, High ESD 5V RS-232 Transceivers
SP207ECA-L-TR EXAR-SP207ECA-L-TR Datasheet
1Mb / 19P
   Low Power, High ESD 5V RS-232 Transceivers
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com