Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP211ECA Datasheet (PDF) - Sipex Corporation

SP211ECA Datasheet PDF - Sipex Corporation
Part # SP211ECA
Download  SP211ECA Download

File Size   160.59 Kbytes
Page   16 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 5V High Performance RS232 Transceivers

SP211ECA Datasheet (PDF)

Go To PDF Page Download Datasheet
SP211ECA Datasheet PDF - Sipex Corporation

Part # SP211ECA
Download  SP211ECA Click to download

File Size   160.59 Kbytes
Page   16 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 5V High Performance RS232 Transceivers

SP211ECA Datasheet (HTML) - Sipex Corporation

Back Button SP211ECA Datasheet HTML 1Page - Sipex Corporation SP211ECA Datasheet HTML 2Page - Sipex Corporation SP211ECA Datasheet HTML 3Page - Sipex Corporation SP211ECA Datasheet HTML 4Page - Sipex Corporation SP211ECA Datasheet HTML 5Page - Sipex Corporation SP211ECA Datasheet HTML 6Page - Sipex Corporation SP211ECA Datasheet HTML 7Page - Sipex Corporation SP211ECA Datasheet HTML 8Page - Sipex Corporation SP211ECA Datasheet HTML 9Page - Sipex Corporation SP211ECA Datasheet HTML 10Page - Sipex Corporation Next Button 

SP211ECA Product details

DESCRIPTION
The SP200E Series are enhanced multi–channel RS-232 line transceivers with improved electrical performance. The SP200Efamily is pin-to-pin compatible with our previous SP200 family as well as popular industry standards. As with the orignal SP200 family, all models in this Series feature low–power CMOS construction and Sipex–patented (5,306,954) on-board charge pump circuitry to generate the ±10V RS-232 voltage levels, using 0.1µF charge pump capacitors to save board space and reduce circuit cost. The SP211E and SP213E models feature a low–power shutdown mode, which reduces power supply drain to 1µA. Enhancements include lower power supply current at 3mA typical (no load) and superior ESD performance. The ESD tolerance has been improved on this family to over ±15kV for both Human Body Model and IEC1000-4-2 Air Discharge test methods.

■Single +5V Supply Operation
■0.1µF External Charge Pump Capacitors
■Typical 230kbps Transmission Rates
■Standard SOIC and SSOP Packages
■Lower Supply Current Than Competition(typical 3mA)
■1µA Shutdown Mode
■WakeUp Feature in Shutdown Mode
■Tri–State Receiver Outputs
■Meets All EIA-232 and ITU V.28 Specifications
■Improved ESD Specifications:
  +15kV Human Body Model
  +15kV IEC1000-4-2 Air Discharge
  +8kV IEC1000-4-2 Contact Discharge




Similar Part No. - SP211ECA

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP211ECA SIPEX-SP211ECA Datasheet
160Kb / 16P
   5V High Performance RS232 Transceivers
logo
Exar Corporation
SP211ECA-L-TR EXAR-SP211ECA-L-TR Datasheet
1Mb / 15P
   5V RS-232 Serial Transceivers
More results


Similar Description - SP211ECA

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP207E SIPEX-SP207E Datasheet
160Kb / 16P
   5V High Performance RS232 Transceivers
SP207EH SIPEX-SP207EH Datasheet
204Kb / 16P
   High Speed 5V High Performance RS232 Transceivers
logo
Exar Corporation
SP213ECA-L-TR EXAR-SP213ECA-L-TR Datasheet
212Kb / 17P
   High Speed 5V High Performance RS232 Transceivers
SP213EHCA-L-TR EXAR-SP213EHCA-L-TR Datasheet
212Kb / 17P
   High Speed 5V High Performance RS232 Transceivers
logo
Sipex Corporation
SP207EH SIPEX-SP207EH Datasheet
204Kb / 16P
   High Speed 5V High Performance RS232 Transceivers
logo
Linear Technology
LTC1321 LINER-LTC1321_15 Datasheet
366Kb / 20P
   RS232/EIA562/RS485 Transceivers
LTC1335 LINER-LTC1335_15 Datasheet
366Kb / 20P
   RS232/EIA562/RS485 Transceivers
LTC1322 LINER-LTC1322_15 Datasheet
366Kb / 20P
   RS232/EIA562/RS485 Transceivers
LTC1321 LINER-LTC1321 Datasheet
454Kb / 20P
   RS232/EIA562/RS485 Transceivers
logo
List of Unclassifed Man...
AM29861 ETC1-AM29861 Datasheet
293Kb / 7P
   High Performance Bus Transceivers
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com