Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP385AET Datasheet (PDF) - Sipex Corporation

SP385AET Datasheet PDF - Sipex Corporation
Part # SP385AET
Download  SP385AET Download

File Size   80.69 Kbytes
Page   9 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 3V to 5V RS-232 Line Driver/Receiver

SP385AET Datasheet (PDF)

Go To PDF Page Download Datasheet
SP385AET Datasheet PDF - Sipex Corporation

Part # SP385AET
Download  SP385AET Click to download

File Size   80.69 Kbytes
Page   9 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 3V to 5V RS-232 Line Driver/Receiver

SP385AET Datasheet (HTML) - Sipex Corporation

SP385AET Datasheet HTML 1Page - Sipex Corporation SP385AET Datasheet HTML 2Page - Sipex Corporation SP385AET Datasheet HTML 3Page - Sipex Corporation SP385AET Datasheet HTML 4Page - Sipex Corporation SP385AET Datasheet HTML 5Page - Sipex Corporation SP385AET Datasheet HTML 6Page - Sipex Corporation SP385AET Datasheet HTML 7Page - Sipex Corporation SP385AET Datasheet HTML 8Page - Sipex Corporation SP385AET Datasheet HTML 9Page - Sipex Corporation

SP385AET Product details

DESCRIPTION…
The Sipex SP385A is an enhanced version of the Sipex SP200 family of RS232 line drivers/receivers. The SP385A offers +3.3V operation for EIA-562 and EIA-232 applications. The SP385A maintains the same performance features offered in its predecessors. The SP385A is available in plastic SOIC or SSOP packages operating over the commercial and industrial temperature ranges. The SP385A is pin compatible to the LTC1385 EIA-562 transceiver, except the drivers in the SP385A can only be disabled with the ON/OFF pin.

■ Operates from 3.3V or 5V Power Supply
■ Meets All EIA-232D and V.28 Specifications at 5V
■ Meets EIA-562 Specifications at 3.3V
■ Two Drivers and Receivers
■ Operates with 0.1µF to 10µF Capacitors
■ High Data Rate — 120kbps Under Load
■ Low Power Shutdown ≤1µA
■ 3-State TTL/CMOS Receiver Outputs
■ Low Power CMOS — 5mA Operation




Similar Part No. - SP385AET

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP385AET SIPEX-SP385AET Datasheet
65Kb / 9P
   3V to 5V RS-232 Line Driver/Receiver
More results


Similar Description - SP385AET

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP385A SIPEX-SP385A Datasheet
65Kb / 9P
   3V to 5V RS-232 Line Driver/Receiver
SP385E-1 SIPEX-SP385E-1 Datasheet
98Kb / 11P
   True 3V or 5V RS-232 Line Driver/Receiver
SP385E SIPEX-SP385E_05 Datasheet
170Kb / 11P
   Enhanced 3V or 5V RS-232 Line Driver/Receiver
SP385E SIPEX-SP385E Datasheet
133Kb / 11P
   Enhanced 3V or 5V RS-232 Line Driver/Receiver
logo
Exar Corporation
SP385EEA-L-TR EXAR-SP385EEA-L-TR Datasheet
754Kb / 16P
   Enhanced 3V or 5V RS-232 Line Driver/Receiver
logo
Sipex Corporation
SP385E SIPEX-SP385E Datasheet
137Kb / 11P
   Enhanced 3V or 5V RS-232 Line Driver/Receiver
logo
Exar Corporation
SP385ECT-L EXAR-SP385ECT-L Datasheet
737Kb / 15P
   Enhanced 3V or 5V RS-232 Line Driver/Receiver
logo
NEC
UPD4714A NEC-UPD4714A Datasheet
83Kb / 16P
   RS-232 LINE DRIVER/RECEIVER
UPD4711B NEC-UPD4711B Datasheet
93Kb / 12P
   RS-232 LINE DRIVER/RECEIVER
UPD4713A NEC-UPD4713A Datasheet
105Kb / 16P
   RS-232 LINE DRIVER/RECEIVER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com