Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4936G Datasheet (PDF) - Frontier Electronics.

1N4936G Datasheet PDF - Frontier Electronics.
Part # 1N4936G
Download  1N4936G Download

File Size   126.82 Kbytes
Page   2 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description 1A FAST RECOVERY GLASS PASSIVATED RECTIFIER

1N4936G Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4936G Datasheet PDF - Frontier Electronics.

Part # 1N4936G
Download  1N4936G Click to download

File Size   126.82 Kbytes
Page   2 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description 1A FAST RECOVERY GLASS PASSIVATED RECTIFIER

1N4936G Datasheet (HTML) - Frontier Electronics.

1N4936G Datasheet HTML 1Page - Frontier Electronics. 1N4936G Datasheet HTML 2Page - Frontier Electronics.

1N4936G Product details

PRODUCT FEATURES

1. FLAMMABILITY CLASSIFICATION: 94V-0

2. GLASS PASSIVATED CHIP JUNCTION

3. 1A OPERATION @ 55°C WITH NO THERMAL RUNAWAY

4. FAST SWITCHING FOR HIGH EFFICIENCY

5. EXCEED MIL-STD-19500

6. CASE: JEDEC DO-41, MOLDED CASE

7. DIMENSIONS IN INCHES AND (MILLIMETERS)

8. POLARITY: INDICATED BY CATHODE BAND

9. WEIGHT : 0.34 GRAMS

10. TERMINALS SOLDERABILITY: PER MIL-STD-202, METHOD 208

11. PULLING TEST: 2.3 KG

12. RoHS



 




Similar Part No. - 1N4936G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
1N4936G RECTRON-1N4936G Datasheet
28Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Taiwan Semiconductor Co...
1N4936G TSC-1N4936G Datasheet
376Kb / 4P
   Glass Passivated Fast Recovery Rectifiers
logo
Won-Top Electronics
1N4936G WTE-1N4936G Datasheet
54Kb / 4P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
logo
HY ELECTRONIC CORP.
1N4936G HY-1N4936G Datasheet
828Kb / 3P
   Fast Recovery Glass Passivated Recitifiers
logo
Shanghai Shunye Electro...
1N4936G SY-1N4936G Datasheet
1,021Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
More results


Similar Description - 1N4936G

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1N4933G FRONTIER-1N4933G_16 Datasheet
947Kb / 2P
   1A FAST RECOVERY GLASS PASSIVATED RECTIFIER
FR10-005G FRONTIER-FR10-005G Datasheet
127Kb / 2P
   1A FAST RECOVERY GLASS PASSIVATED RECTIFIER
FR10-005G-LFR FRONTIER-FR10-005G-LFR Datasheet
126Kb / 2P
   1A FAST RECOVERY GLASS PASSIVATED RECTIFIER
FR10-005SG FRONTIER-FR10-005SG Datasheet
126Kb / 2P
   1A FAST RECOVERY GLASS PASSIVATED RECTIFIER
FR101G FRONTIER-FR101G Datasheet
1Mb / 2P
   1A FAST RECOVERY GLASS PASSIVATED RECTIFIER
SF10-005G-LFR FRONTIER-SF10-005G-LFR Datasheet
128Kb / 2P
   1A GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
UF4001G-LFR FRONTIER-UF4001G-LFR Datasheet
129Kb / 2P
   1A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
SF10-005G FRONTIER-SF10-005G Datasheet
128Kb / 2P
   1A GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
UF4001G FRONTIER-UF4001G Datasheet
128Kb / 2P
   1A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
logo
Taiwan Semiconductor Co...
F1T1G-K TSC-F1T1G-K Datasheet
409Kb / 6P
   1A, 50V - 1000V Glass Passivated Fast Recovery Rectifier
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com