Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3.0SMCJ51 Datasheet (PDF) - Frontier Electronics.

3.0SMCJ51 Datasheet PDF - Frontier Electronics.
Part # 3.0SMCJ51
Download  3.0SMCJ51 Download

File Size   192.53 Kbytes
Page   4 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description 3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

3.0SMCJ51 Datasheet (PDF)

Go To PDF Page Download Datasheet
3.0SMCJ51 Datasheet PDF - Frontier Electronics.

Part # 3.0SMCJ51
Download  3.0SMCJ51 Click to download

File Size   192.53 Kbytes
Page   4 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description 3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

3.0SMCJ51 Datasheet (HTML) - Frontier Electronics.

3.0SMCJ51 Datasheet HTML 1Page - Frontier Electronics. 3.0SMCJ51 Datasheet HTML 2Page - Frontier Electronics. 3.0SMCJ51 Datasheet HTML 3Page - Frontier Electronics. 3.0SMCJ51 Datasheet HTML 4Page - Frontier Electronics.

3.0SMCJ51 Product details

FEATURES
● PLASTIC PACKAGE HAS UNDERWRITERS LABORATORY FLAMMABILITY CLASSIFICATION 94V-0
● GLASS PASSIVATED JUNCTION
● LOW PROFILE
● EXCELLENT CLAMPING CAPABILITY
● LOW INCREMENTAL SURGE RESISTANCE
● FAST RESPONSE TIME: TYPICALLY LESS THAN 1.0 pS FROM 0 VOLTS TO V(BR) MIN
● 3000 W PEAK PULSE POWER CAPABILITY WITH A 10/1000 μS WAVEFORM , REPETITION RATE (DUTY CYCLE): 0.01%
● TYPICAL ID LESS THAN 1μA ABOVE 10V
● HIGH TEMPERATURE SOLDERING :250°C /10 SECONDS AT TERMINALS




Similar Part No. - 3.0SMCJ51

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
3.0SMCJ51 WTE-3.0SMCJ51 Datasheet
65Kb / 5P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Rectron Semiconductor
3.0SMCJ51 RECTRON-3.0SMCJ51 Datasheet
166Kb / 7P
   SURFACE MOUNT 3000W TRANSIENT
logo
Won-Top Electronics
3.0SMCJ51 WTE-3.0SMCJ51 Datasheet
81Kb / 6P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
3.0SMCJ51 TSC-3.0SMCJ51 Datasheet
73Kb / 4P
   Surface Mount Transient Voltage Suppressor
3.0SMCJ51 TSC-3.0SMCJ51 Datasheet
279Kb / 4P
   3000 Watts Surface Mount Transient Voltage Suppressor
More results


Similar Description - 3.0SMCJ51

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
3.0SMCJ WEITRON-3.0SMCJ Datasheet
330Kb / 4P
   3000W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
3.0SMCJ58A-13 DIODES-3.0SMCJ58A-13 Datasheet
99Kb / 4P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
3.0SMCJ WTE-3.0SMCJ_06 Datasheet
81Kb / 6P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ180 WTE-3.0SMCJ180 Datasheet
71Kb / 5P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Frontier Electronics.
3.0SMCJ5.0-LFR FRONTIER-3.0SMCJ5.0-LFR Datasheet
134Kb / 4P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
3.0SMCJ5.0A DIODES-3.0SMCJ5.0A Datasheet
99Kb / 4P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ24A-13 DIODES-3.0SMCJ24A-13 Datasheet
99Kb / 4P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Guangdong Juxing Electr...
SMDJ JUXING-SMDJ Datasheet
1Mb / 4P
   Surface Mount Transient Voltage Suppressor Power 3000W
logo
Taiwan Semiconductor Co...
SMDJ10A TSC-SMDJ10A Datasheet
407Kb / 7P
   3000W, 10V - 100V Surface Mount Transient Voltage Suppressor
3KSMC12AH TSC-3KSMC12AH Datasheet
459Kb / 5P
   3000W, 12V- 47V Surface Mount Transient Voltage Suppressor
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com