Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX2870U Datasheet (PDF) - Sipex Corporation

SPX2870U Datasheet PDF - Sipex Corporation
Part # SPX2870U
Download  SPX2870U Download

File Size   195.67 Kbytes
Page   7 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 6.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response

SPX2870U Datasheet (PDF)

Go To PDF Page Download Datasheet
SPX2870U Datasheet PDF - Sipex Corporation

Part # SPX2870U
Download  SPX2870U Click to download

File Size   195.67 Kbytes
Page   7 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 6.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response

SPX2870U Datasheet (HTML) - Sipex Corporation

SPX2870U Datasheet HTML 1Page - Sipex Corporation SPX2870U Datasheet HTML 2Page - Sipex Corporation SPX2870U Datasheet HTML 3Page - Sipex Corporation SPX2870U Datasheet HTML 4Page - Sipex Corporation SPX2870U Datasheet HTML 5Page - Sipex Corporation SPX2870U Datasheet HTML 6Page - Sipex Corporation SPX2870U Datasheet HTML 7Page - Sipex Corporation

SPX2870U Product details

PRODUCT DESCRIPTION
The SPX2870 are low power 6.5A adjustable and fixed voltage regulators that are very easy to use. It requires only 2 external resistors to set the output voltage for adjustable version. The SPX2870 are designed for low voltage applications that offers lower dropout voltage and faster transient response. This device is an excellent choice for use in powering low voltage microprocessor that require a lower dropout, faster transient response to regulate from +2.5V to 3.8V supplies and as a post regulator for switching supplies applications. The SPX2870 features low dropout of a maximum 1.5 volts.

FEATURES
• Adjustable Output Down To 1.2V
• Fixed Output Voltages 2.5, 3.3 & 5.0V
• Output Current of 6.5A
• Low Dropout Voltage 1.1V Typ.
• Extremely Tight Load And Line Regulation
• Current & Thermal Limiting
• Standard 3-Terminal Low Cost TO-220 & TO-263

APPLICATIONS
• Powering VGA & Sound Card
• Power PC Supplies
• SMPS Post-Regulator
• High Efficiency “Green” Computer Systems
• High Efficiency Linear Power Supplies
• Portable Instrumentation
• Constant Current Regulators
• Adjustable Power Supplies
• Battery charger



Similar Part No. - SPX2870U

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2808 SIPEX-SPX2808 Datasheet
47Kb / 6P
   300mA Low Dropout Voltage Regulator
SPX2808M1-3.3 SIPEX-SPX2808M1-3.3 Datasheet
47Kb / 6P
   300mA Low Dropout Voltage Regulator
SPX2808M1-3.3/TR SIPEX-SPX2808M1-3.3/TR Datasheet
47Kb / 6P
   300mA Low Dropout Voltage Regulator
SPX2808M1-3.5 SIPEX-SPX2808M1-3.5 Datasheet
47Kb / 6P
   300mA Low Dropout Voltage Regulator
SPX2808M1-3.5/TR SIPEX-SPX2808M1-3.5/TR Datasheet
47Kb / 6P
   300mA Low Dropout Voltage Regulator
More results


Similar Description - SPX2870U

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
AS2850 SIPEX-AS2850 Datasheet
159Kb / 6P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2830 SIPEX-AS2830 Datasheet
149Kb / 6P
   3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1585 SIPEX-SPX1585 Datasheet
198Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1587 SIPEX-SPX1587 Datasheet
187Kb / 7P
   3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
Exar Corporation
SPX1585AT-L EXAR-SPX1585AT-L Datasheet
344Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
Sipex Corporation
SPX1086 SIPEX-SPX1086 Datasheet
194Kb / 7P
   1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1585AT-L SIPEX-SPX1585AT-L Datasheet
213Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2810 SIPEX-AS2810 Datasheet
150Kb / 7P
   1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2815 SIPEX-AS2815 Datasheet
181Kb / 9P
   1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2815 SIPEX-SPX2815 Datasheet
207Kb / 10P
   1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com