Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GLZ16A-LFR Datasheet (PDF) - Frontier Electronics.

GLZ16A-LFR Datasheet PDF - Frontier Electronics.
Part # GLZ16A-LFR
Download  GLZ16A-LFR Download

File Size   123.92 Kbytes
Page   4 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description 500mW MINI MELF ZENER DIODE

GLZ16A-LFR Datasheet (PDF)

Go To PDF Page Download Datasheet
GLZ16A-LFR Datasheet PDF - Frontier Electronics.

Part # GLZ16A-LFR
Download  GLZ16A-LFR Click to download

File Size   123.92 Kbytes
Page   4 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description 500mW MINI MELF ZENER DIODE

GLZ16A-LFR Datasheet (HTML) - Frontier Electronics.

GLZ16A-LFR Datasheet HTML 1Page - Frontier Electronics. GLZ16A-LFR Datasheet HTML 2Page - Frontier Electronics. GLZ16A-LFR Datasheet HTML 3Page - Frontier Electronics. GLZ16A-LFR Datasheet HTML 4Page - Frontier Electronics.



Similar Part No. - GLZ16A-LFR

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
GLZ16A EIC-GLZ16A Datasheet
44Kb / 3P
   ZENER DIODES
logo
Pan Jit International I...
GLZ16A PANJIT-GLZ16A Datasheet
106Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Frontier Electronics.
GLZ16A FRONTIER-GLZ16A Datasheet
124Kb / 4P
   500mW MINI MELF ZENER DIODE
More results


Similar Description - GLZ16A-LFR

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
ZMM5221B-LFR FRONTIER-ZMM5221B-LFR Datasheet
119Kb / 2P
   500mW MINI MELF ZENER DIODE
ZMM5221B FRONTIER-ZMM5221B Datasheet
119Kb / 2P
   500mW MINI MELF ZENER DIODE
ZMM55-C2V4-LFR FRONTIER-ZMM55-C2V4-LFR Datasheet
118Kb / 2P
   500mW MINI MELF ZENER DIODE
GLZJ2.0A FRONTIER-GLZJ2.0A Datasheet
128Kb / 4P
   500mW MINI MELF ZENER DIODE
ZMM55-C2V0 FRONTIER-ZMM55-C2V0 Datasheet
118Kb / 2P
   500mW MINI MELF ZENER DIODE
GLZ2.0A FRONTIER-GLZ2.0A Datasheet
124Kb / 4P
   500mW MINI MELF ZENER DIODE
logo
CHENG-YI ELECTRONIC CO....
ZMM5221B CHENG-YI-ZMM5221B Datasheet
249Kb / 3P
   500mW Mini melf ZENER Diodes
logo
WILLAS ELECTRONIC CORP
ZMM5221B WILLAS-ZMM5221B Datasheet
428Kb / 3P
   500mW Mini MELF Zener Diodes
logo
Rectron Semiconductor
GMZJ RECTRON-GMZJ Datasheet
45Kb / 3P
   Micro MELF ZENER DIODE 2.5% 500mW
ZMM5221B RECTRON-ZMM5221B Datasheet
23Kb / 2P
   500mW 5% mini-M.E.L.F ZENER DIODE
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com