Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX2937 Datasheet (PDF) - Sipex Corporation

SPX2937 Datasheet PDF - Sipex Corporation
Part # SPX2937
Download  SPX2937 Download

File Size   133.64 Kbytes
Page   4 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 500mA Low Dropout Voltage Regulators

SPX2937 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPX2937 Datasheet PDF - Sipex Corporation

Part # SPX2937
Download  SPX2937 Click to download

File Size   133.64 Kbytes
Page   4 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 500mA Low Dropout Voltage Regulators

SPX2937 Datasheet (HTML) - Sipex Corporation

SPX2937 Datasheet HTML 1Page - Sipex Corporation SPX2937 Datasheet HTML 2Page - Sipex Corporation SPX2937 Datasheet HTML 3Page - Sipex Corporation SPX2937 Datasheet HTML 4Page - Sipex Corporation

SPX2937 Product details

PRODUCT DESCRIPTION
The SPX2937 is a low power positive voltage regulator. The SPX2937 offers 500mA output current with a dropout voltage of only 0.5V and over temperature dropout is up to 1V. The quiescent current is 10mA at differential output of 5V and output current of 500mA. A higher quiescent current can exist when the device is in dropout mode (VIN - VOUT≤ 3V )

FEATURES
• Output Current 500mA at 15V, 12V, 10V, 8V, 5V, 3.3V and 2.5V
• Internal Short Circuit Current Limit
• Dropout Voltage 0.5V at 500mA Output
• Extremely Tight Load and Line Regulation
• Very Low Temperature Coefficient
• Mirror Image Insertion Protection
• Direct Replacement For LM2937 Socket

APPLICATIONS
• Battery Powered Systems
• Cordless Telephones
• Automotive Electronics
• Portable/ Palm Top / Notebook Computers
• Portable Consumer Equipment
• Portable Instrumentation
• SMPS Post-Regulator
• Voltage Reference



Similar Part No. - SPX2937

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2930 SIPEX-SPX2930 Datasheet
138Kb / 4P
   150 mA Low Dropout Voltage Regulator
SPX2930 SIPEX-SPX2930 Datasheet
178Kb / 9P
   150mA Low Dropout Voltage Regulator
SPX2930 SIPEX-SPX2930 Datasheet
221Kb / 9P
   150mA Low Dropout Voltage Regulator
SPX29300 SIPEX-SPX29300 Datasheet
177Kb / 11P
   3A High Current, Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
SPX29300 SIPEX-SPX29300 Datasheet
293Kb / 11P
   3A High Current, Low Dropout Voltage Regulator
More results


Similar Description - SPX2937

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LD3117 UTC-LD3117 Datasheet
219Kb / 4P
   500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
logo
List of Unclassifed Man...
PJ5800 ETC-PJ5800 Datasheet
237Kb / 5P
   500mA CMOS Low Dropout Voltage Regulators
logo
E-Tech Electronics LTD
UR133_A ETL-UR133_A Datasheet
407Kb / 8P
   300/500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
logo
Unisonic Technologies
UR133 UTC-UR133_18 Datasheet
346Kb / 8P
   300/500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
UR133 UTC-UR133_12 Datasheet
411Kb / 8P
   300/500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
logo
Global Mixed-mode Techn...
G9001 GMT-G9001 Datasheet
45Kb / 2P
   500mA Low-Dropout Linear Regulators
logo
Texas Instruments
TPS775XX TI-TPS775XX Datasheet
807Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
logo
Semtech Corporation
SC1540 SEMTECH-SC1540 Datasheet
64Kb / 4P
   300mA AND 500mA LOW DROPOUT VOLTAGE REGULATORS WITH ENABLE
logo
Advanced Monolithic Sys...
AMS3107 ADMOS-AMS3107 Datasheet
82Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2907 ADMOS-AMS2907 Datasheet
80Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com