Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX2975 Datasheet (PDF) - Sipex Corporation

SPX2975 Datasheet PDF - Sipex Corporation
Part # SPX2975
Download  SPX2975 Download

File Size   422.3 Kbytes
Page   8 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 180 mA Low Dropout Voltage Regulators

SPX2975 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPX2975 Datasheet PDF - Sipex Corporation

Part # SPX2975
Download  SPX2975 Click to download

File Size   422.3 Kbytes
Page   8 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 180 mA Low Dropout Voltage Regulators

SPX2975 Datasheet (HTML) - Sipex Corporation

SPX2975 Datasheet HTML 1Page - Sipex Corporation SPX2975 Datasheet HTML 2Page - Sipex Corporation SPX2975 Datasheet HTML 3Page - Sipex Corporation SPX2975 Datasheet HTML 4Page - Sipex Corporation SPX2975 Datasheet HTML 5Page - Sipex Corporation SPX2975 Datasheet HTML 6Page - Sipex Corporation SPX2975 Datasheet HTML 7Page - Sipex Corporation SPX2975 Datasheet HTML 8Page - Sipex Corporation

SPX2975 Product details

PRODUCT DESCRIPTION
The SPX2975 is a low power voltage regulator. This device is an excellent choice for use in battery-powered applications such as cordless telephones, radio control systems, and portable computers. The SPX2975 features very low quiescent current and very low dropout voltage (Typ. 50mV at light load and 380 mV at 180 mA). This includes a tight initial tolerance of 0.5% typ., extremely good load and line regulation 0.05% typ. and very low output temperature coefficient, making the SPX2975 useful as a low-power voltage reference. Other additional key features include higher output current (150mA), positive transient protection up to 60V (Load dump), and the ability to survive an unregulated input voltage transient of -20V below ground (reverse battery).

FEATURES
• 3.0V, 3.3V and 5.0V Fixed Output Voltages
• Very Low Quiescent Current
• Low Dropout Voltage
• Extremely Tight Load And Line Regulation
• Very Low Temperature Coefficient
• Needs Only 1µF For Stability
• Current & Thermal Limiting
• Unregulated DC Input Can Withstand -20V Reverse Battery And +60V Positive Transients
• Similar Replacement For LP2950/LP2951 Sockets

SPX2975 SO-8 versions only
• Error Flag Warns Of Output Dropout
• Logic- Controlled Electronic Shutdown
• Output Programmable from 1.24 to 29V

APPLICATIONS
• Battery Powered Systems
• Cordless Telephones
• Radio Control Systems
• Portable/Palm Top/Notebook Computers
• Portable Consumer Equipment
• Portable Instrumentation
• Avionics
• Automotive Electronics
• SMPS Post-Regulator
• Voltage Reference



Similar Part No. - SPX2975

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975 Datasheet
88Kb / 8P
   400mA Low Dropout Voltage Regulator
SPX2975 SIPEX-SPX2975 Datasheet
178Kb / 11P
   400mA Low Dropout Voltage Regulator
SPX2975R5-50 SIPEX-SPX2975R5-50 Datasheet
178Kb / 11P
   400mA Low Dropout Voltage Regulator
SPX2975R5-50/TR SIPEX-SPX2975R5-50/TR Datasheet
178Kb / 11P
   400mA Low Dropout Voltage Regulator
SPX2975T5-5.0 SIPEX-SPX2975T5-5.0 Datasheet
88Kb / 8P
   400mA Low Dropout Voltage Regulator
More results


Similar Description - SPX2975

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B4600 ETC-B4600 Datasheet
192Kb / 6P
   600 mA Low Dropout Voltage Regulators
B4500 ETC-B4500 Datasheet
64Kb / 6P
   500 mA Low Dropout Voltage Regulators
logo
Sipex Corporation
LP2950 SIPEX-LP2950 Datasheet
467Kb / 13P
   100 mA Low Dropout Voltage Regulators
logo
Texas Instruments
TPS76615 TI-TPS76615 Datasheet
266Kb / 18P
[Old version datasheet]   ULTRA LOW QUIESCENT CURRENT 250-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS76601 TI1-TPS76601_13 Datasheet
1Mb / 24P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 250-mA LOW DROPOUT VOLTAGE REGULATORS
TPS76615 TI-TPS76615_15 Datasheet
1Mb / 24P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 250-mA LOW DROPOUT VOLTAGE REGULATORS
logo
Toshiba Semiconductor
TCR5SB15U TOSHIBA-TCR5SB15U Datasheet
269Kb / 18P
   200-mA CMOS Low-Dropout Regulators (Point Regulators)
logo
Texas Instruments
TPS77501-EP TI1-TPS77501-EP Datasheet
790Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77601-EP TI1-TPS77601-EP Datasheet
839Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-EP TI1-TPS77501-EP_16 Datasheet
773Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com