Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX3819 Datasheet (PDF) - Sipex Corporation

SPX3819 Datasheet PDF - Sipex Corporation
Part # SPX3819
Download  SPX3819 Download

File Size   209.1 Kbytes
Page   12 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 500 mA, Low-Noise LDO Voltage Regulator

SPX3819 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPX3819 Datasheet PDF - Sipex Corporation

Part # SPX3819
Download  SPX3819 Click to download

File Size   209.1 Kbytes
Page   12 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 500 mA, Low-Noise LDO Voltage Regulator

SPX3819 Datasheet (HTML) - Sipex Corporation

Back Button SPX3819 Datasheet HTML 1Page - Sipex Corporation SPX3819 Datasheet HTML 2Page - Sipex Corporation SPX3819 Datasheet HTML 3Page - Sipex Corporation SPX3819 Datasheet HTML 4Page - Sipex Corporation SPX3819 Datasheet HTML 5Page - Sipex Corporation SPX3819 Datasheet HTML 6Page - Sipex Corporation SPX3819 Datasheet HTML 7Page - Sipex Corporation SPX3819 Datasheet HTML 8Page - Sipex Corporation SPX3819 Datasheet HTML 9Page - Sipex Corporation SPX3819 Datasheet HTML 10Page - Sipex Corporation Next Button 

SPX3819 Product details

DESCRIPTION

The SPX3819 is a positive voltage regulator with a low dropout voltage and low noise output. In addition, this device offers a very low ground current of 800µA at 100mA output. The SPX3819 has an initial tolerance of less than 1% max and a logic compatible ON/OFF switched input. When disabled, power consumption drops to nearly zero. Other key features include reverse battery protection, current limit, and thermal shutdown. The SPX3819 includes a reference bypass pin for optimal low noise output performance. With its very low output temperature coefficient, this device also makes a superior low power voltage reference.

The SPX3819 is an excellent choice for use in battery-powered applications such as cordless telephones, radio control systems, and portable computers. It is available in several fixed voltages -- 1.2V, 1.5V, 1.8V, 2.5V, 3.0V, 3.1V, 3.3V, 5.0V -- or with an adjustable output. This device is offered in 8 pin NSOIC, 8 pin DFN and 5-pin SOT-23 packages.



FEATURES

■ Low Noise: 40µV Possible

■ High Accuracy: 1%

■ Reverse Battery Protection

■ Low Dropout: 340mV at Full Load

■ Low Quiescent Current: 90µA

■ Zero Off-Mode Current

■ Fixed Output: 1.2V, 1.5V, 1.8V, 2.5V, 3.0V, 3.1V, 3.3V, 5.0V. Adj. Output also available.

■ Available in RoHS Compliant, Lead Free Packages: 5 Pin SOT-23, 8 Pin Narrow SOIC and 8 pin 2X3 DFN



APPLICATIONS

■ Battery Powered Systems

■ Cordless Phones

■ Radio Control Systems

■ Portable/Palm Top/Notebook Computers

■ Portable Consumer Equipment

■ Portable Instrumentation

■ Bar Code Scanners

■ SMPS Post Regulators



 



Similar Part No. - SPX3819

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819 Datasheet
137Kb / 12P
   500mA, Low-Noise LDO Voltage Regulator
SPX3819 SIPEX-SPX3819 Datasheet
377Kb / 13P
   500mA, Low-Noise LDO Voltage Regulator
logo
Exar Corporation
SPX3819 EXAR-SPX3819 Datasheet
1Mb / 13P
   500mA, LOW-NOISE LDO VOLTAGE REGULATOR
logo
Sipex Corporation
SPX3819M5 SIPEX-SPX3819M5 Datasheet
137Kb / 12P
   500mA, Low-Noise LDO Voltage Regulator
SPX3819M5 SIPEX-SPX3819M5 Datasheet
377Kb / 13P
   500mA, Low-Noise LDO Voltage Regulator
More results


Similar Description - SPX3819

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC5209 MICROCHIP-MIC5209 Datasheet
2Mb / 30P
   500 mA Low-Noise LDO Regulator
09/14/21
logo
Texas Instruments
TPS7A90 TI1-TPS7A90 Datasheet
2Mb / 33P
[Old version datasheet]   500-mA, High-Accuracy, Low-Noise LDO Voltage Regulator
TPS7A90 TI-TPS7A90_V01 Datasheet
3Mb / 34P
[Old version datasheet]   TPS7A90 500-mA, High-Accuracy, Low-Noise LDO Voltage Regulator
logo
ON Semiconductor
NCP5501DT33RKG ONSEMI-NCP5501DT33RKG Datasheet
213Kb / 13P
   500 mA LDO Voltage Regulator
April, 2013 ??Rev. 12
logo
Sipex Corporation
SPX5205 SIPEX-SPX5205 Datasheet
181Kb / 9P
   150 mA, Low-Noise LDO Voltage Regulator
logo
Texas Instruments
LP5912 TI1-LP5912_18 Datasheet
2Mb / 35P
[Old version datasheet]   500-mA Low-Noise, Low-IQ LDO
logo
Microchip Technology
MCP1725 MICROCHIP-MCP1725_08 Datasheet
581Kb / 32P
   500 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
MCP1725 MICROCHIP-MCP1725 Datasheet
1Mb / 32P
   500 mA, Low Voltage, Low Quiescent Current LDO Regulator
2006
MCP1825 MICROCHIP-MCP1825 Datasheet
655Kb / 38P
   500 mA, Low Voltage, Low Quiescent Current LDO Regulator
2008
logo
Texas Instruments
LP5912 TI1-LP5912_17 Datasheet
2Mb / 33P
[Old version datasheet]   500-mA Low-Noise, Low-IQ LDO
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com