Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMAJ24 Datasheet (PDF) - Frontier Electronics.

P4SMAJ24 Datasheet PDF - Frontier Electronics.
Part # P4SMAJ24
Download  P4SMAJ24 Download

File Size   135.85 Kbytes
Page   4 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description 400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

P4SMAJ24 Datasheet (PDF)

Go To PDF Page Download Datasheet
P4SMAJ24 Datasheet PDF - Frontier Electronics.

Part # P4SMAJ24
Download  P4SMAJ24 Click to download

File Size   135.85 Kbytes
Page   4 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description 400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

P4SMAJ24 Datasheet (HTML) - Frontier Electronics.

P4SMAJ24 Datasheet HTML 1Page - Frontier Electronics. P4SMAJ24 Datasheet HTML 2Page - Frontier Electronics. P4SMAJ24 Datasheet HTML 3Page - Frontier Electronics. P4SMAJ24 Datasheet HTML 4Page - Frontier Electronics.

P4SMAJ24 Product details

FEATURES
OPTIMIZED FOR LAN PROTECTION APPLICATION
IDEAL FOR ESD PROTECTION OF DATA LINES IN ACCORDANCE WITH IEC 1000-4-2(IEC801-2)
IDEAL FOR EFT PROTECTION OF DATA LINE IN ACCORDANCE WITH IEC 1000-4-4(IEC801-4)
EXCELLENT CLAMPING CAPABILITY
LOW INCREMENTAL SURGE RESISTANCE
FAST RESPONSE TIME: TYPICALLY LESS THAN 1.0 pS FROM 0 VOLTS TO V(BR) MIN
400 W PEAK PULSE POWER CAPABILITY WITH A 10/1000 μSWAVEFORM , REPETITION RATE (DUTY CYCLE):0.01%
TYPICAL ID LESS THAN 1μA ABOVE 10V
HIGH TEMPERATURE SOLDERING GUARANTEED: 250°/10 SECONDS AT TERMINAL

MECHANICAL DATA
CASE: MOLDED PLASTIC, DO-214AC (SMA), DIMENSIONS IN INCHES AND (MILLIMETERS
TERMINALS: SOLDER PLATED
POLARITY: INDICATED BY CATHODE BAND
WEIGHT: 0.064 GRAMS




Similar Part No. - P4SMAJ24

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4SMAJ24 PANJIT-P4SMAJ24 Datasheet
95Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 400 Watt Peak Power Pulse)
logo
SUNMATE electronic Co.,...
P4SMAJ24 SUNMATE-P4SMAJ24 Datasheet
727Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
logo
Shanghai Lunsure Electr...
P4SMAJ24 CHENYI-P4SMAJ24 Datasheet
422Kb / 6P
   400Watt transient voltage suppressors 5.0to170 volts
logo
SUNMATE electronic Co.,...
P4SMAJ24 SUNMATE-P4SMAJ24 Datasheet
727Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
logo
Surge Components
P4SMAJ24 SURGE-P4SMAJ24 Datasheet
213Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0-170Volts?
More results


Similar Description - P4SMAJ24

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMAJ18A-13 DIODES-SMAJ18A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ10A-13 DIODES-SMAJ10A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P4SMAJ5.0ADF DIODES-P4SMAJ5.0ADF Datasheet
426Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ50CA DIODES-SMAJ50CA_1 Datasheet
81Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 13 - 2
logo
Won-Top Electronics
P4SMAJ WTE-P4SMAJ_06 Datasheet
81Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
SMAJ5 TAITRON-SMAJ5 Datasheet
160Kb / 6P
   400W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SM2615 DIODES-SM2615 Datasheet
146Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P4SMAJ180 WTE-P4SMAJ180 Datasheet
69Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
PSMAJ400A DIODES-PSMAJ400A Datasheet
114Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev. 3 - 2 November 2012
SMAJ8.5CA DIODES-SMAJ8.5CA Datasheet
79Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 10 - 2
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com