Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK32A Datasheet (PDF) - Frontier Electronics.

SK32A Datasheet PDF - Frontier Electronics.
Part # SK32A
Download  SK32A Download

File Size   125.61 Kbytes
Page   2 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description 3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS

SK32A Datasheet (PDF)

Go To PDF Page Download Datasheet
SK32A Datasheet PDF - Frontier Electronics.

Part # SK32A
Download  SK32A Click to download

File Size   125.61 Kbytes
Page   2 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description 3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS

SK32A Datasheet (HTML) - Frontier Electronics.

SK32A Datasheet HTML 1Page - Frontier Electronics. SK32A Datasheet HTML 2Page - Frontier Electronics.

SK32A Product details

FEATURES

FOR SURFACE MOUNTED APPLICATIONS

LOW PROFILE PACKAGE

BUILT-IN STRAIN RELIEF

EASY PICK AND PLACE

PLASTIC MATERIAL USED CARRIES UNDERWRITERS LABORATORY CLASSIFICATION 94 V-0

EXTREMELY LOW VF

MAJORITY CARRIER CONDUCTION

HIGH TEMPERATURE SOLDERING: 250°C /10 SECONDS AT TERMINALS



MECHANICAL DATA

CASE: THIN SMA, DIMENSIONS IN INCHES AND (MILLIMETERS)

TERMINALS: SOLDER PLATED

POLARITY: INDICATED BY CATHODE BAND

WEIGHT: 0.05 GRAMS




Similar Part No. - SK32A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK32A MCC-SK32A Datasheet
620Kb / 3P
   3 Amp Schottky Rectifier 20 to 100 Volts
logo
Microsemi Corporation
SK32A MICROSEMI-SK32A Datasheet
272Kb / 4P
   Same Electrical Characteristics As The SMC Version
logo
Taiwan Semiconductor Co...
SK32A TSC-SK32A Datasheet
130Kb / 2P
   3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Sangdest Microelectroni...
SK32A SMC-SK32A Datasheet
193Kb / 6P
   SCHOTTKY RECTIFIER
logo
GOOD-ARK Electronics
SK32A GOOD-ARK-SK32A Datasheet
151Kb / 2P
   Surface Mount Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 3.0 Amperes
More results


Similar Description - SK32A

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SK5820-LFR FRONTIER-SK5820-LFR Datasheet
119Kb / 2P
   3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS32 FRONTIER-SS32 Datasheet
124Kb / 2P
   3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Chip Integration Techno...
SK32A CITC-SK32A Datasheet
153Kb / 3P
   3A Surface Mount Schottky Barrier Rectifiers
SK32C CITC-SK32C Datasheet
153Kb / 3P
   3A Surface Mount Schottky Barrier Rectifiers
SKL32C CITC-SKL32C Datasheet
103Kb / 3P
   3A Surface Mount Schottky Barrier Rectifiers
SKL34ASG CITC-SKL34ASG Datasheet
463Kb / 3P
   3A Surface Mount Schottky Barrier Rectifiers
logo
Frontier Electronics.
SK32-LFR FRONTIER-SK32-LFR Datasheet
125Kb / 2P
   3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS32B FRONTIER-SS32B Datasheet
124Kb / 2P
   3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS32A-LFR FRONTIER-SS32A-LFR Datasheet
126Kb / 2P
   3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Chip Integration Techno...
SKL32CG CITC-SKL32CG Datasheet
92Kb / 3P
   3A Surface Mount Schottky Barrier Rectifiers
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com