Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM30-06 Datasheet (PDF) - Frontier Electronics.

SM30-06 Datasheet PDF - Frontier Electronics.
Part # SM30-06
Download  SM30-06 Download

File Size   125.81 Kbytes
Page   2 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description 30A SCHOTTKY BARRIER RECTIFIERS

SM30-06 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM30-06 Datasheet PDF - Frontier Electronics.

Part # SM30-06
Download  SM30-06 Click to download

File Size   125.81 Kbytes
Page   2 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description 30A SCHOTTKY BARRIER RECTIFIERS

SM30-06 Datasheet (HTML) - Frontier Electronics.

SM30-06 Datasheet HTML 1Page - Frontier Electronics. SM30-06 Datasheet HTML 2Page - Frontier Electronics.

SM30-06 Product details

FEATURES
● DUAL RECTIFIER CONSTRUCTION, POSITIVE CENTER-TAP
● PLASTIC MATERIAL USED CARRIES UNDERWRITERS LABORATORY FLAMMABILITY CLASSIFICATION 94V-0
● METAL TO SILICON RECTIFIER ,MAJORITY CARRIER CONDUCTION
● LOW POWER LOSS, HIGH EFFICIENCY
● HIGH CURRENT CAPABILITY, LOW VF
● HIGH SURGE CAPABILITY
● EPITAXIAL CONSTRUCTION
● FOR USE IN LOW VOLTAGE, HIGH FREQUENCY INVERTERS, FREE WHEELING, AND POLARITY PROTECTION APPLICATIONS
● HIGH SOLDERING TEMPERATURE :260°C /10S 0.17(4.3mm) LEAD LENGTH AT 5 LBS.(2.3KG) TENSION




Similar Part No. - SM30-06

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SM30 SEMTECH-SM30 Datasheet
118Kb / 3P
   RECTIFIER, up to 3kV, 600mA, 2.5關s
logo
MIC GROUP RECTIFIERS
SM30 MIC-SM30 Datasheet
67Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Kemet Corporation
SM30 KEMET-SM30 Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
logo
Banner Engineering Corp...
SM30 BANNER-SM30 Datasheet
350Kb / 5P
   SM30 Series 30 mm Barrel Sensors
logo
StarHope
SM300 SPSEMI-SM300 Datasheet
1Mb / 3P
   Surface Mount Devices
More results


Similar Description - SM30-06

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM30200D SECOS-SM30200D Datasheet
298Kb / 2P
   30A Schottky Barrier Rectifiers
logo
MORE Semiconductor Comp...
MBR30150CT MORESEMI-MBR30150CT Datasheet
955Kb / 2P
   30A Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SM30200D SECOS-SM30200D_15 Datasheet
236Kb / 2P
   30A Schottky Barrier Rectifiers
SM30100D SECOS-SM30100D_15 Datasheet
251Kb / 2P
   30A Schottky Barrier Rectifiers
logo
MORE Semiconductor Comp...
MBR30100FCT MORESEMI-MBR30100FCT Datasheet
785Kb / 2P
   30A Schottky Barrier Rectifiers
MBR30150FCT MORESEMI-MBR30150FCT Datasheet
858Kb / 2P
   30A Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SM3060D SECOS-SM3060D_15 Datasheet
244Kb / 2P
   30A Schottky Barrier Rectifiers
logo
MORE Semiconductor Comp...
MBR3045CT MORESEMI-MBR3045CT Datasheet
755Kb / 2P
   30A Schottky Barrier Rectifiers
MBR3045FCT MORESEMI-MBR3045FCT Datasheet
930Kb / 2P
   30A Schottky Barrier Rectifiers
logo
Frontier Electronics.
SB3040CT FRONTIER-SB3040CT Datasheet
511Kb / 2P
   30A SCHOTTKY BARRIER RECTIFIERS
logo
MORE Semiconductor Comp...
MBR30100CT MORESEMI-MBR30100CT Datasheet
880Kb / 2P
   30A Schottky Barrier Rectifiers
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com