Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX2957T3 Datasheet (PDF) - Sipex Corporation

SPX2957T3 Datasheet PDF - Sipex Corporation
Part # SPX2957T3
Download  SPX2957T3 Download

File Size   184.72 Kbytes
Page   9 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 350mA Low Drop Out Voltage Regulator with Shutdown

SPX2957T3 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPX2957T3 Datasheet PDF - Sipex Corporation

Part # SPX2957T3
Download  SPX2957T3 Click to download

File Size   184.72 Kbytes
Page   9 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 350mA Low Drop Out Voltage Regulator with Shutdown

SPX2957T3 Datasheet (HTML) - Sipex Corporation

SPX2957T3 Datasheet HTML 1Page - Sipex Corporation SPX2957T3 Datasheet HTML 2Page - Sipex Corporation SPX2957T3 Datasheet HTML 3Page - Sipex Corporation SPX2957T3 Datasheet HTML 4Page - Sipex Corporation SPX2957T3 Datasheet HTML 5Page - Sipex Corporation SPX2957T3 Datasheet HTML 6Page - Sipex Corporation SPX2957T3 Datasheet HTML 7Page - Sipex Corporation SPX2957T3 Datasheet HTML 8Page - Sipex Corporation SPX2957T3 Datasheet HTML 9Page - Sipex Corporation

SPX2957T3 Product details

PRODUCT DESCRIPTION
The SPX2955/56/57 is a low power voltage regulator. This device is an excellent choice for use in battery-powered applications such as cordless telephones, radio control systems, and portable computers. The SPX2955/56/57 features very low quiescent current (100µA Typ.) and very low dropout voltage. This includes a tight initial tolerance of 1% max and 2% max., and very low output
temperature coefficient, making the SPX2955/56/57 useful as a low-power voltage reference.

FEATURES          
•Output Accuracy 5V, 3.3V@ 350mA Output
•Very Low Quiescent Current
•Low Dropout Voltage
•Extremely Tight Load And Line Regulation
•Very Low Temperature Coefficient
•Current & Thermal Limiting
•Error Flag Warns Of Output Dropout
•Logic-Controlled Electronic Shutdown
•Output Programmable From 1.24V to 29V

APPLICATIONS
•Battery Powered Systems
•Cordless Telephones
•Radio Control Systems
•Portable/Palm Top/Notebook Computers
•Portable Consumer Equipment
•Portable Instrumentation
•Automotive Electronics
•SMPS Post-Regulator
•Voltage Reference



Similar Part No. - SPX2957T3

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2950 SIPEX-SPX2950 Datasheet
258Kb / 12P
   150mA Low Dropout Voltage Regulators
SPX2950 SIPEX-SPX2950 Datasheet
135Kb / 13P
   150mA Low Dropout Voltage Regulator
SPX29500 SIPEX-SPX29500 Datasheet
515Kb / 11P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
SPX29500T-1.8 SIPEX-SPX29500T-1.8 Datasheet
515Kb / 11P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
SPX29500T-2.5 SIPEX-SPX29500T-2.5 Datasheet
515Kb / 11P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
More results


Similar Description - SPX2957T3

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2920 SIPEX-SPX2920_06 Datasheet
507Kb / 10P
   400mA Low Drop Out Voltage Regulator with Shutdown
SPX2920 SIPEX-SPX2920 Datasheet
95Kb / 10P
   400mA Low Drop Out Voltage Regulator with Shutdown
SPX2945 SIPEX-SPX2945 Datasheet
214Kb / 11P
   500mA Low Drop Out Voltage Regulator with Shutdown
SPX2920 SIPEX-SPX2920 Datasheet
175Kb / 7P
   400mA Low Drop Out Voltage Regulator with Shutdown
logo
New Japan Radio
NJM2930 NJRC-NJM2930 Datasheet
269Kb / 7P
   LOW DROP OUT VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4294GV50 INFINEON-TLE4294GV50 Datasheet
677Kb / 10P
   Low Drop Out Voltage Regulator
Rev. 1.1, February 2008
logo
STMicroelectronics
LK112SXX STMICROELECTRONICS-LK112SXX Datasheet
411Kb / 18P
   Low noise low drop voltage regulator with shutdown function
LK112SXX STMICROELECTRONICS-LK112SXX_08 Datasheet
404Kb / 17P
   Low noise low drop voltage regulator with shutdown function
LK112 STMICROELECTRONICS-LK112 Datasheet
413Kb / 12P
   LOW NOISE LOW DROP VOLTAGE REGULATOR WITH SHUTDOWN FUNCTION
logo
Infineon Technologies A...
TLE4678-2 INFINEON-TLE4678-2_15 Datasheet
2Mb / 33P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-03
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com