Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF2060C Datasheet (PDF) - Shenzhen Luguang Electronic Technology Co., Ltd

SF2060C Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd
Part # SF2060C
Download  SF2060C Download

File Size   185.57 Kbytes
Page   2 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description Super Fast Rectifiers

SF2060C Datasheet (PDF)

Go To PDF Page Download Datasheet
SF2060C Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SF2060C
Download  SF2060C Click to download

File Size   185.57 Kbytes
Page   2 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description Super Fast Rectifiers

SF2060C Datasheet (HTML) - Shenzhen Luguang Electronic Technology Co., Ltd

SF2060C Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SF2060C Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd

SF2060C Product details

VOLTAGE RANGE: 100 --- 600 V CURRENT: 20 A

Features
◇ Low cost
◇ Low leakage
◇ Low forward voltage drop
◇ High current capability
◇ Easily cleaned with alcohol,Isopropanol
   and similar solvents
◇ The plastic material carries U/L recognition 94V-0




Similar Part No. - SF2060C

ManufacturerPart #DatasheetDescription
logo
Soshin electric Co., Lt...
SF2060C-JQ SOSHIN-SF2060C-JQ Datasheet
161Kb / 3P
   Single-phase 2-line 500VAC Wide range high attenuation Type
logo
DIYI Electronic Technol...
SF2060CT DYELEC-SF2060CT Datasheet
862Kb / 3P
   ULTRAFAST RECOVERY RECTIFIERS
logo
Microdiode Electronics ...
SF2060CT CHENDA-SF2060CT Datasheet
1Mb / 2P
   100 to 600 Volts Forward Current - 20 Amperes
logo
Zibo Seno Electronic En...
SF2060CT ZSELEC-SF2060CT Datasheet
100Kb / 2P
   20.0A GLASS PASSIVATED SUPERFAST RECTIFIER
More results


Similar Description - SF2060C

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
   SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF801 HY-SF801 Datasheet
94Kb / 2P
   SUPER FAST RECTIFIERS
logo
Bruckewell Technology L...
SF3060PT BWTECH-SF3060PT Datasheet
171Kb / 3P
   Super Fast Rectifiers
logo
Leshan Radio Company
SF14 LRC-SF14_15 Datasheet
201Kb / 7P
   Super Fast Rectifiers
SF21 LRC-SF21_15 Datasheet
207Kb / 7P
   Super Fast Rectifiers
SF27 LRC-SF27_15 Datasheet
208Kb / 7P
   Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
USF1610C LUGUANG-USF1610C Datasheet
178Kb / 2P
   Super Fast Rectifiers
logo
SeCoS Halbleitertechnol...
SF11 SECOS-SF11_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
SF31 SECOS-SF31_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com