Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL4015BN Datasheet (PDF) - System Logic Semiconductor

SL4015BN Datasheet PDF - System Logic Semiconductor
Part # SL4015BN
Download  SL4015BN Download

File Size   39.45 Kbytes
Page   5 Pages
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor
Description Dual 4-Stage Static Shift Register

SL4015BN Datasheet (PDF)

Go To PDF Page Download Datasheet
SL4015BN Datasheet PDF - System Logic Semiconductor

Part # SL4015BN
Download  SL4015BN Click to download

File Size   39.45 Kbytes
Page   5 Pages
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor
Description Dual 4-Stage Static Shift Register

SL4015BN Datasheet (HTML) - System Logic Semiconductor

SL4015BN Datasheet HTML 1Page - System Logic Semiconductor SL4015BN Datasheet HTML 2Page - System Logic Semiconductor SL4015BN Datasheet HTML 3Page - System Logic Semiconductor SL4015BN Datasheet HTML 4Page - System Logic Semiconductor SL4015BN Datasheet HTML 5Page - System Logic Semiconductor

SL4015BN Product details

Dual 4-Stage Static Shift Register

High-Voltage Silicon-Gate CMOS



The SL4015B consists of two identical, independent, 4-stage serial input/parallel-output registers. Each register has independent CLOCK and RESET inputs as well as a single serial DATA input. “Q” outputs are available from each of the four stages on both registers. All register stages are D-type, master-slave flip-flops. The logic level present at the DATA input is transferred into the first register stage and shifted over one stage at each positive-going clock transition. Resetting of all stages is accomplished by a high level on the reset line. Register expansion to 8 stages using one SL4015B package, or to more than 8 stages using additional SL4015B’s is possible.



• Operating Voltage Range: 3.0 to 18 V

• Maximum input current of 1 μA at 18 V over full package temperature range; 100 nA at 18 V and 25°C

• Noise margin (over full package temperature range):

   1.0 V min @ 5.0 V supply

   2.0 V min @ 10.0 V supply



 




Similar Part No. - SL4015BN

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL4011B SLS-SL4011B Datasheet
30Kb / 4P
   Quad 2-Input NAND Gate
SL4011BD SLS-SL4011BD Datasheet
30Kb / 4P
   Quad 2-Input NAND Gate
SL4011BN SLS-SL4011BN Datasheet
30Kb / 4P
   Quad 2-Input NAND Gate
SL4012B SLS-SL4012B Datasheet
30Kb / 4P
   Dual 4-Input NAND Gate
SL4012BD SLS-SL4012BD Datasheet
30Kb / 4P
   Dual 4-Input NAND Gate
More results


Similar Description - SL4015BN

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK4015B KODENSHI-KK4015B Datasheet
311Kb / 6P
   Dual 4-Stage Static Shift Register
logo
Unisonic Technologies
UCD4015B UTC-UCD4015B_16 Datasheet
230Kb / 9P
   CMOS DUAL 4-STAGE STATIC SHIFT REGISTER
UCD4015B UTC-UCD4015B Datasheet
229Kb / 8P
   CMOS Dual 4-Stage Static Shift Register
logo
Texas Instruments
CD4015B TI-CD4015B Datasheet
521Kb / 11P
[Old version datasheet]   CMOS Dual 4-Stage Static Shift Register
logo
Unisonic Technologies
UCD4015 UTC-UCD4015_15 Datasheet
229Kb / 8P
   CMOS Dual 4-Stage Static Shift Register
UCD4015 UTC-UCD4015 Datasheet
229Kb / 8P
   CMOS Dual 4-Stage Static Shift Register
UCD4015B UTC-UCD4015B_15 Datasheet
229Kb / 8P
   CMOS Dual 4-Stage Static Shift Register
logo
Texas Instruments
CD4015B TI1-CD4015B_15 Datasheet
884Kb / 15P
[Old version datasheet]   CMOS Dual 4-stage Static Shift Register
logo
STMicroelectronics
HCC4517B STMICROELECTRONICS-HCC4517B Datasheet
244Kb / 12P
   DUAL 64-STAGE STATIC SHIFT REGISTER
HCF4517B STMICROELECTRONICS-HCF4517B_02 Datasheet
323Kb / 8P
   DUAL 64 STAGE STATIC SHIFT REGISTER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com