Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR2040CT Datasheet (PDF) - Shenzhen Luguang Electronic Technology Co., Ltd

SR2040CT Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd
Part # SR2040CT
Download  SR2040CT Download

File Size   200.72 Kbytes
Page   2 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description Dual Schottky Rectifiers

SR2040CT Datasheet (PDF)

Go To PDF Page Download Datasheet
SR2040CT Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SR2040CT
Download  SR2040CT Click to download

File Size   200.72 Kbytes
Page   2 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description Dual Schottky Rectifiers

SR2040CT Datasheet (HTML) - Shenzhen Luguang Electronic Technology Co., Ltd

SR2040CT Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SR2040CT Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd

SR2040CT Product details

REVERSE VOLTAGE: 20 - 60 V

FORWARD CURRENT: 20 A



Features

High surge capability

The plastic material carries U/L recognition 94V-0

Low forward voltage drop,low switching losses

Metal-Semiconductor junction with guard ring

Epitaxial construction

For use in low voltage,high frequency inverters free wheeling,and polarity protection applications



Mechanical Data

Mounting position: Any

Polarity: As marked

Case:JEDEC TO--220AB,molded plastic

Weight: 0.08ounce, 2.24 grams




Similar Part No. - SR2040CT

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SR2040CT BILIN-SR2040CT Datasheet
90Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
logo
UNIOHM CORPORATION
SR2040CT UNIOHM-SR2040CT Datasheet
68Kb / 2P
   20.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
SR2040CT SEMTECH_ELEC-SR2040CT Datasheet
250Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Diode Semiconductor Kor...
SR2040CT DSK-SR2040CT Datasheet
155Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
logo
Nanjing International G...
SR2040CT DGNJDZ-SR2040CT Datasheet
128Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - SR2040CT

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
MBRF2070CT SEMTECH_ELEC-MBRF2070CT Datasheet
197Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
logo
Galaxy Semi-Conductor H...
MBRF1635CT BILIN-MBRF1635CT Datasheet
137Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
logo
Diode Semiconductor Kor...
MBRB1635CT DSK-MBRB1635CT Datasheet
205Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
logo
Galaxy Semi-Conductor H...
MBRB1635CT BILIN-MBRB1635CT Datasheet
136Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
MBRF2070CT BILIN-MBRF2070CT Datasheet
157Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
SR1620CT BILIN-SR1620CT Datasheet
93Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
SR2020CT BILIN-SR2020CT Datasheet
90Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
logo
Diode Semiconductor Kor...
MBR1635PT DSK-MBR1635PT Datasheet
209Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
SR1020CT DSK-SR1020CT Datasheet
113Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
MBR1680PT DSK-MBR1680PT Datasheet
234Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com