Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS58 Datasheet (PDF) - Shenzhen Luguang Electronic Technology Co., Ltd

SS58 Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd
Part # SS58
Download  SS58 Download

File Size   395.74 Kbytes
Page   2 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description Surface Mount Schottky Barrier Rectifiers

SS58 Datasheet (PDF)

Go To PDF Page Download Datasheet
SS58 Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SS58
Download  SS58 Click to download

File Size   395.74 Kbytes
Page   2 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description Surface Mount Schottky Barrier Rectifiers

SS58 Datasheet (HTML) - Shenzhen Luguang Electronic Technology Co., Ltd

SS58 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SS58 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd

SS58 Product details

REVERSE VOLTAGE: 20 --- 200 V

CURRENT: 5.0 A



Features

◇ Built-in strain relief

◇ Low power loss,high effciency

◇ Plastic package has Underwriters Laborator

     Flammability Classification 94V-0

◇ High temperature soldering guaranteed:250°C/10 seconds at terminals

◇ Low profile package

◇ For surface mounted applications

◇ High current capability,low forward voltage drop

◇ For use in low voltage high frequency inverters,free wheeling and polarity protection applications

◇ Guardring for overvoltage protection

◇ Metal silicon junction, majority carrier conduction

◇ High surge capability




Similar Part No. - SS58

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
SS58 SUNTAN-SS58 Datasheet
392Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Jinan Jingheng (Group) ...
SS58 JINANJINGHENG-SS58 Datasheet
79Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Dongguan City Niuhang E...
SS58 NIUHANG-SS58 Datasheet
387Kb / 3P
   SCHOTTKY RECTIFIERS
logo
SHENZHEN YONGERJIA INDU...
SS58 WINNERJOIN-SS58 Datasheet
184Kb / 5P
   Surface Mount Schottky Barrier
logo
Nanjing International G...
SS58 DGNJDZ-SS58 Datasheet
249Kb / 2P
   5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results


Similar Description - SS58

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
logo
Weitron Technology
B520B WEITRON-B520B_09 Datasheet
603Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 04-Aug-08
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com