Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ16CA Datasheet (PDF) - Shenzhen Luguang Electronic Technology Co., Ltd

SMBJ16CA Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd
Part # SMBJ16CA
Download  SMBJ16CA Download

File Size   402.16 Kbytes
Page   4 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description 600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

SMBJ16CA Datasheet (PDF)

Go To PDF Page Download Datasheet
SMBJ16CA Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SMBJ16CA
Download  SMBJ16CA Click to download

File Size   402.16 Kbytes
Page   4 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description 600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

SMBJ16CA Datasheet (HTML) - Shenzhen Luguang Electronic Technology Co., Ltd

SMBJ16CA Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SMBJ16CA Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd SMBJ16CA Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd SMBJ16CA Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd

SMBJ16CA Product details

Features
✧ For surface mounted application
✧ Low profile package
✧ Built-in strain relief
✧ Glass passivated junction
✧ Excellent clamping capability
✧ Fast response time: Typically less than 1.0ps
   from 0 volt to BV min.
✧ Typical IR less than 1μA above 10V
✧ High temperature soldering guaranteed:
   260°C / 10 seconds at terminals
✧ Plastic material used carries Underwriters
   Laboratory Flammability Classification 94V-0
✧ 600 watts peak pulse power capability with a 10
   x 1000 us waveform by 0.01% duty cycle

Mechanical Data
✧ Case: Molded plastic
✧ Terminals: Pure tin plated lead free,
✧ Polarity: Indicated by cathode band except bipolar
✧ Weight: 0.093gram




Similar Part No. - SMBJ16CA

ManufacturerPart #DatasheetDescription
logo
Bytes
SMBJ16CA BYTES-SMBJ16CA Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Guangdong Youtai Semico...
SMBJ16CA UMW-SMBJ16CA Datasheet
628Kb / 4P
   5V-188V 600W
logo
Socay Electornics Co., ...
SMBJ16CA SOCAY-SMBJ16CA Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
MDE Semiconductor, Inc.
SMBJ16CA MDE-SMBJ16CA Datasheet
92Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
HuaXinAn Electronics CO...
SMBJ16CA HUAXINAN-SMBJ16CA Datasheet
450Kb / 6P
   Transient Voltage Suppressors
More results


Similar Description - SMBJ16CA

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
P6SMBJ5.0 FRONTIER-P6SMBJ5.0 Datasheet
133Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SMBJ7.5CA-13 DIODES-SMBJ7.5CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ51CA-13 DIODES-SMBJ51CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ350A-13-F DIODES-SMBJ350A-13-F Datasheet
100Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P6SMAJ58ADFQ-13 DIODES-P6SMAJ58ADFQ-13 Datasheet
375Kb / 6P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
August 2020
SMBJ50CA DIODES-SMBJ50CA Datasheet
81Kb / 3P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19002 Rev. 11 - 2
SMBJ15CA-13 DIODES-SMBJ15CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ33CA-13 DIODES-SMBJ33CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ50CA DIODES-SMBJ50CA_1 Datasheet
80Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19002 Rev. 15 - 2
logo
Frontier Electronics.
P6SMBJ5.0-LFR FRONTIER-P6SMBJ5.0-LFR Datasheet
134Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com