Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

009188006012062 Datasheet (PDF) - AVX Corporation

009188006012062 Datasheet PDF - AVX Corporation
Part # 009188006012062
Download  009188006012062 Download

File Size   516.97 Kbytes
Page   4 Pages
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation
Description 9188 Staggered SOLO Stacker

009188006012062 Datasheet (PDF)

Go To PDF Page Download Datasheet
009188006012062 Datasheet PDF - AVX Corporation

Part # 009188006012062
Download  009188006012062 Click to download

File Size   516.97 Kbytes
Page   4 Pages
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation
Description 9188 Staggered SOLO Stacker

009188006012062 Datasheet (HTML) - AVX Corporation

009188006012062 Datasheet HTML 1Page - AVX Corporation 009188006012062 Datasheet HTML 2Page - AVX Corporation 009188006012062 Datasheet HTML 3Page - AVX Corporation 009188006012062 Datasheet HTML 4Page - AVX Corporation



Similar Part No. - 009188006012062

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
009188006012062 AVX-009188006012062 Datasheet
1,020Kb / 5P
   Staggered Stacker: BTB
More results


Similar Description - 009188006012062

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
009158028030001 AVX-009158028030001 Datasheet
333Kb / 2P
   9158 SOLO STACKER
00-9188 AVX-00-9188 Datasheet
1,020Kb / 5P
   Staggered Stacker: BTB
009188004012062 AVX-009188004012062_17 Datasheet
1,020Kb / 5P
   Staggered Stacker: BTB
logo
ADL Embedded Solutions
ADL945PC ADL-ADL945PC Datasheet
541Kb / 2P
   Duo / Core Solo: 1.0GHz - 2.16GHz
MSEBX945 ADL-MSEBX945 Datasheet
221Kb / 2P
   Duo / Core Solo 1.06GHz - 1.50GHz
logo
Samtec, Inc
DWM-01-51-T-S-250 SAMTEC-DWM-01-51-T-S-250 Datasheet
395Kb / 1P
   MICRO BOARD STACKER
logo
Wurth Elektronik GmbH &...
61303211321 WURTH-61303211321 Datasheet
304Kb / 6P
   WR-PHD Board Stacker
001.001
logo
Samtec, Inc
STMM-120-02-S-D-SM-LC SAMTEC-STMM-120-02-S-D-SM-LC Datasheet
764Kb / 1P
   SHROUDED IDC HEADER & STACKER
logo
Wurth Elektronik GmbH &...
61303218421 WURTH-61303218421 Datasheet
383Kb / 6P
   WR-PHD Board Stacker
002.001
logo
Major League Electronic...
BSTC-6-D MAJOR-LEAGUE-BSTC-6-D Datasheet
86Kb / 1P
   Board Stacker Terminal Strips
More results




About AVX Corporation


AVX Corporation is an American electronic component manufacturer that specializes in the design, development, and manufacture of passive electronic components, including capacitors, resistors, filters, and connectors. The company was founded in 1972 and is headquartered in Fountain Inn, South Carolina.

AVX Corporation's products are used in a wide range of industries, including automotive, telecommunications, consumer electronics, and medical devices. The company's product portfolio includes a variety of passive electronic components, such as ceramic capacitors, tantalum capacitors, film capacitors, and thin film resistors.

AVX Corporation is committed to quality and innovation, and it has obtained various certifications, including ISO 9001, ISO 14001, and IATF 16949. The company's advanced manufacturing facilities and quality control processes ensure that its products meet the highest standards of performance and reliability.

Today, AVX Corporation is recognized as a leading manufacturer of passive electronic components, with a strong reputation for providing high-quality and innovative solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the electronic component industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com