Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESD5Z7.0T1 Datasheet (PDF) - Shenzhen Luguang Electronic Technology Co., Ltd

ESD5Z7.0T1 Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd
Part # ESD5Z7.0T1
Download  ESD5Z7.0T1 Download

File Size   289.72 Kbytes
Page   3 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description Transient Voltage Suppressors

ESD5Z7.0T1 Datasheet (PDF)

Go To PDF Page Download Datasheet
ESD5Z7.0T1 Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd

Part # ESD5Z7.0T1
Download  ESD5Z7.0T1 Click to download

File Size   289.72 Kbytes
Page   3 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description Transient Voltage Suppressors

ESD5Z7.0T1 Datasheet (HTML) - Shenzhen Luguang Electronic Technology Co., Ltd

ESD5Z7.0T1 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd ESD5Z7.0T1 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd ESD5Z7.0T1 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd

ESD5Z7.0T1 Product details

Micro−Packaged Diodes for ESD Protection

The ESD5Z Series is designed to protect voltage sensitive components from ESD and transient voltage events. Excellent clamping capability, low leakage, and fast response time, make these parts ideal for ESD protection on designs where board space is at a premium. Because of its small size, it is suited for use in cellular phones, portable devices, digital cameras, power supplies and many other portable applications.

Specification Features:
• Small Body Outline Dimensions:
                0.047″ x 0.032″(1.20 mm x 0.80 mm)
• Low Body Height: 0.028″ (0.7 mm)
• Stand−off Voltage: 2.5 V − 12 V
• Peak Power up to 240 Watts @ 8 x 20 s Pulse
• Low Leakage
• Response Time is Typically < 1 ns
• ESD Rating of Class 3 (> 16 kV) per Human Body Model
• IEC61000−4−2 Level 4 ESD Protection
• IEC61000−4−4 Level 4 EFT Protection
• Pb−Free Packages are Available




Similar Part No. - ESD5Z7.0T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESD5Z7.0T1 ONSEMI-ESD5Z7.0T1 Datasheet
111Kb / 4P
   Transient Voltage Suppressors Micro?뭁ackaged Diodes for ESD Protection
October, 2006 ??Rev. 5
ESD5Z7.0T1G ONSEMI-ESD5Z7.0T1G Datasheet
111Kb / 4P
   Transient Voltage Suppressors Micro?뭁ackaged Diodes for ESD Protection
October, 2006 ??Rev. 5
ESD5Z7.0T1G ONSEMI-ESD5Z7.0T1G Datasheet
148Kb / 5P
   Transient Voltage Suppressors
February, 2012 ??Rev. 10
logo
Guangdong Youtai Semico...
ESD5Z7.0T1G UMW-ESD5Z7.0T1G Datasheet
299Kb / 5P
   The ESD5Zxx Series is designed to protect voltage sensitive components from ESD and transient voltage events.
logo
ON Semiconductor
ESD5Z7.0T1G/T5G ONSEMI-ESD5Z7.0T1G/T5G Datasheet
70Kb / 5P
   Transient Voltage suppressors
December, 2014 ??Rev. 13
More results


Similar Description - ESD5Z7.0T1

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com