Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DPA4119 Datasheet (PDF) - Crydom Inc.,

DPA4119 Datasheet PDF - Crydom Inc.,
Part # DPA4119
Download  DPA4119 Download

File Size   558.13 Kbytes
Page   4 Pages
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,
Description 16 Pin DIP SSR

DPA4119 Datasheet (PDF)

Go To PDF Page Download Datasheet
DPA4119 Datasheet PDF - Crydom Inc.,

Part # DPA4119
Download  DPA4119 Click to download

File Size   558.13 Kbytes
Page   4 Pages
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,
Description 16 Pin DIP SSR

DPA4119 Datasheet (HTML) - Crydom Inc.,

DPA4119 Datasheet HTML 1Page - Crydom Inc., DPA4119 Datasheet HTML 2Page - Crydom Inc., DPA4119 Datasheet HTML 3Page - Crydom Inc., DPA4119 Datasheet HTML 4Page - Crydom Inc.,

DPA4119 Product details

DPA Series

• 16 Pin DIP SSR
• Ratings to 1A @ 280 VAC
• SCR output
• Voltage or current-control input
• Zero-crossing (resistive loads) output




Similar Part No. - DPA4119

ManufacturerPart #DatasheetDescription
logo
International Rectifier
DPA4119 IRF-DPA4119 Datasheet
110Kb / 4P
   DPA Series Microelectronic Power IC Relay
logo
Crydom Inc.,
DPA4119 CRYDOM-DPA4119 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
More results


Similar Description - DPA4119

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S101D01 SHARP-S101D01 Datasheet
67Kb / 4P
   16-Pin DIP Type SSR for Low Power Control
S101DH1 SHARP-S101DH1 Datasheet
59Kb / 4P
   16-Pin DIP Type SSR for Low Power Control
PR3BMF11NSZ SHARP-PR3BMF11NSZ Datasheet
63Kb / 3P
   8-Pin DIP Type, Large Output current SSR
PR36MF22NSZ SHARP-PR36MF22NSZ Datasheet
66Kb / 3P
   8-Pin DIP Type SSR for Low Power Control
S11MA01 SHARP-S11MA01 Datasheet
59Kb / 4P
   6-pin DIP Type SSR for Low Power Control
S16MD01 SHARP-S16MD01 Datasheet
66Kb / 4P
   8-Pin DIP Type SSR for Low Power Control
PR29MF11NSZ SHARP-PR29MF11NSZ Datasheet
65Kb / 6P
   8-Pin DIP Type SSR for Low Power Control
S13MD01 SHARP-S13MD01 Datasheet
55Kb / 4P
   8-pin DIP Type SSR for Low Power Control
logo
Connor-Winfield Corpora...
SD01-353 CONNOR-WINFIELD-SD01-353 Datasheet
43Kb / 1P
   16 PIN DIP SINEWAVE
SD03-153 CONNOR-WINFIELD-SD03-153 Datasheet
44Kb / 1P
   16 PIN DIP SINEWAVE
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com