Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30KPA156A Datasheet (PDF) - Shenzhen Luguang Electronic Technology Co., Ltd

30KPA156A Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd
Part # 30KPA156A
Download  30KPA156A Download

File Size   114.23 Kbytes
Page   2 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description Glass Passivated Junction TVS

30KPA156A Datasheet (PDF)

Go To PDF Page Download Datasheet
30KPA156A Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd

Part # 30KPA156A
Download  30KPA156A Click to download

File Size   114.23 Kbytes
Page   2 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description Glass Passivated Junction TVS

30KPA156A Datasheet (HTML) - Shenzhen Luguang Electronic Technology Co., Ltd

30KPA156A Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 30KPA156A Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd

30KPA156A Product details

STAND-OFF VOLTAGE-30 TO 288 Volts
30000 Watt Peak Pulse Power

Features
—● Plastic package
● Glass passivated junction
● 30000W Peak Pulse Power capability on 10/1000µs waveform
● Excellent clamping capability
● Repetition rate (duty cycle):0.05%
● Low incremental surge resistance
● Fast response time: typically less than 1.0ps from 0 Volts to BV Bidirectonal less than 10 ns
● High temperature soldering guaranteed: 265°C/10 seconds/.375", (9.5mm) lead length, 5lbs., (2.3kg) tension




Similar Part No. - 30KPA156A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
30KPA156A LITTELFUSE-30KPA156A Datasheet
129Kb / 5P
   Transient Voltage Suppression Diodes Axial Leaded - 30000W
logo
SUNMATE electronic Co.,...
30KPA156A SUNMATE-30KPA156A Datasheet
115Kb / 4P
   30000 Watts Axial Leaded Transient Voltage Suppressor
logo
TAITRON Components Inco...
30KPA156A TAITRON-30KPA156A Datasheet
212Kb / 6P
   30KW Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
30KPA156A SUNMATE-30KPA156A Datasheet
524Kb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
logo
MDE Semiconductor, Inc.
30KPA156A MDE-30KPA156A Datasheet
30Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - 30KPA156A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
15KPA17A LUGUANG-15KPA17A Datasheet
114Kb / 2P
   Glass Passivated Junction TVS
20KPA20A LUGUANG-20KPA20A Datasheet
116Kb / 2P
   Glass Passivated Junction TVS
logo
SynSemi, Inc.
GN3A SYNSEMI-GN3A Datasheet
40Kb / 2P
   GLASS PASSIVATED JUNCTION GLASS PASSIVATED JUNCTION
logo
Littelfuse
T10B LITTELFUSE-T10B Datasheet
70Kb / 1P
   Glass passivated junction
logo
Leshan Radio Company
FR156G LRC-FR156G_15 Datasheet
206Kb / 7P
   Glass Passivated Junction
RGP30J LRC-RGP30J_15 Datasheet
195Kb / 7P
   Glass Passivated Junction
UGP10D LRC-UGP10D_15 Datasheet
305Kb / 7P
   Glass Passivated Junction
1N4944G LRC-1N4944G_15 Datasheet
199Kb / 7P
   Glass Passivated Junction
UGP10B LRC-UGP10B_15 Datasheet
305Kb / 7P
   Glass Passivated Junction
logo
Jinan Jing Heng Electro...
U1A JINGHENG-U1A Datasheet
69Kb / 2P
   GLASS PASSIVATED JUNCTION
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com