Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P600 Datasheet (PDF) - Shenzhen Luguang Electronic Technology Co., Ltd

P600 Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd
Part # P600
Download  P600 Download

File Size   114.5 Kbytes
Page   2 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description Glass Passivated Junction TVS

P600 Datasheet (PDF)

Go To PDF Page Download Datasheet
P600 Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd

Part # P600
Download  P600 Click to download

File Size   114.5 Kbytes
Page   2 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description Glass Passivated Junction TVS

P600 Datasheet (HTML) - Shenzhen Luguang Electronic Technology Co., Ltd

P600 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd P600 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd

P600 Product details

STAND-OFF VOLTAGE-17 TO 280 Volts 15000 Watt Peak Pulse Power

Features
◇ Plastic package
◇ Glass passivated junction
◇ 15000W peak pulse power capability on 10/1000us waveform
◇ Excellent clamping capability
◇ Repetition rate(duty cycle) : 0.05%
◇ Low incremental surge resistance
◇ Fast response time: typically less than 1.0ps from 0 Volts to BV, Bidirectonal less than 10 ns
◇ High temperature soldering guaranteed: 265°C/10 seconds/.375", (9.5mm) lead length,51bs.(2.3kg) tension




Similar Part No. - P600

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P600 ETC2-P600 Datasheet
236Kb / 5P
   6A Power Diodes
logo
CHENG-YI ELECTRONIC CO....
P600 CHENG-YI-P600 Datasheet
632Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Shenzhen Luguang Electr...
P600 LUGUANG-P600 Datasheet
114Kb / 2P
   Glass Passivated Junction TVS
logo
Vishay Siliconix
P600 VISHAY-P600 Datasheet
240Kb / 9P
   Packaging Information
Revision: 01-Feb-13
logo
YENYO TECHNOLOGY Co., L...
P600 YENYO-P600 Datasheet
376Kb / 1P
   Dimensions in inches and
More results


Similar Description - P600

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
30KPA28A LUGUANG-30KPA28A Datasheet
114Kb / 2P
   Glass Passivated Junction TVS
20KPA20A LUGUANG-20KPA20A Datasheet
116Kb / 2P
   Glass Passivated Junction TVS
logo
SynSemi, Inc.
GN3A SYNSEMI-GN3A Datasheet
40Kb / 2P
   GLASS PASSIVATED JUNCTION GLASS PASSIVATED JUNCTION
logo
Littelfuse
T10B LITTELFUSE-T10B Datasheet
70Kb / 1P
   Glass passivated junction
logo
Leshan Radio Company
FR156G LRC-FR156G_15 Datasheet
206Kb / 7P
   Glass Passivated Junction
RGP30J LRC-RGP30J_15 Datasheet
195Kb / 7P
   Glass Passivated Junction
UGP10D LRC-UGP10D_15 Datasheet
305Kb / 7P
   Glass Passivated Junction
1N4944G LRC-1N4944G_15 Datasheet
199Kb / 7P
   Glass Passivated Junction
UGP10B LRC-UGP10B_15 Datasheet
305Kb / 7P
   Glass Passivated Junction
logo
Jinan Jing Heng Electro...
U1A JINGHENG-U1A Datasheet
69Kb / 2P
   GLASS PASSIVATED JUNCTION
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com