Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSGM300N Datasheet (PDF) - Fairchild Semiconductor

FSGM300N Datasheet PDF - Fairchild Semiconductor
Part # FSGM300N
Download  FSGM300N Download

File Size   640.29 Kbytes
Page   16 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Green-Mode Fairchild Power Switch (FPS??

FSGM300N Datasheet (PDF)

Go To PDF Page Download Datasheet
FSGM300N Datasheet PDF - Fairchild Semiconductor

Part # FSGM300N
Download  FSGM300N Click to download

File Size   640.29 Kbytes
Page   16 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Green-Mode Fairchild Power Switch (FPS??

FSGM300N Datasheet (HTML) - Fairchild Semiconductor

Back Button FSGM300N Datasheet HTML 1Page - Fairchild Semiconductor FSGM300N Datasheet HTML 2Page - Fairchild Semiconductor FSGM300N Datasheet HTML 3Page - Fairchild Semiconductor FSGM300N Datasheet HTML 4Page - Fairchild Semiconductor FSGM300N Datasheet HTML 5Page - Fairchild Semiconductor FSGM300N Datasheet HTML 6Page - Fairchild Semiconductor FSGM300N Datasheet HTML 7Page - Fairchild Semiconductor FSGM300N Datasheet HTML 8Page - Fairchild Semiconductor FSGM300N Datasheet HTML 9Page - Fairchild Semiconductor FSGM300N Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

FSGM300N Product details

Description
The FSD146MRBN is an integrated Pulse Width Modulation (PWM) controller and SenseFET designed for offline Switch-Mode Power Supplies (SMPS) with minimal external components. The PWM controller includes an integrated fixed-frequency oscillator, Under Voltage Lockout (UVLO), Leading-Edge Blanking (LEB), optimized gate driver, internal soft-start, temperature compensated precise current sources for loop compensation, and self-protection circuitry. Compared with a discrete MOSFET and PWM controller solution, the FSD146MRBN can reduce total cost, component count, size, and weight; while simultaneously increasing efficiency, productivity, and system reliability. This device provides a basic platform that is well suited for cost-effective design of a flyback converter.

Features
■ Advanced Soft Burst-Mode Operation for
   Low Standby Power and Low Audible Noise
■ Random Frequency Fluctuation for Low EMI
■ Pulse-by-Pulse Current Limit
■ Various Protection Functions: Overload Protection
   (OLP), Over-Voltage Protection (OVP), Abnormal
   Over-Current Protection (AOCP), Internal Thermal
   Shutdown (TSD) with Hysteresis, Output-Short
   Protection (OSP), and Under-Voltage Lockout
   (UVLO) with Hysteresis
■ Low Operating Current (0.4mA) in Burst Mode
■ Internal Startup Circuit
■ Internal High-Voltage SenseFET: 650V
■ Built-in Soft-Start: 15ms
■ Auto-Restart Mode

Applications
■ Power Supply for LCD Monitor, STB, and DVD Combination




Similar Part No. - FSGM300N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSGM300N ONSEMI-FSGM300N Datasheet
310Kb / 16P
   Green-Mode Power Switch
July, 2019 ??Rev. 3
More results


Similar Description - FSGM300N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136MR FAIRCHILD-FSL136MR Datasheet
903Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSD210B FAIRCHILD-FSD210B Datasheet
853Kb / 18P
   Green Mode Fairchild Power Switch (FPS)
FSL137MRIN FAIRCHILD-FSL137MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL117MRIN FAIRCHILD-FSL117MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL126MRT FAIRCHILD-FSL126MRT Datasheet
873Kb / 13P
   Green-Mode Fairchild Power Switch (FPS??
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com