Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5937A Datasheet (PDF) - Shenzhen Luguang Electronic Technology Co., Ltd

1N5937A Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd
Part # 1N5937A
Download  1N5937A Download

File Size   288.18 Kbytes
Page   3 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description POWER DISSIPATION: 1.5W

1N5937A Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5937A Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd

Part # 1N5937A
Download  1N5937A Click to download

File Size   288.18 Kbytes
Page   3 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description POWER DISSIPATION: 1.5W

1N5937A Datasheet (HTML) - Shenzhen Luguang Electronic Technology Co., Ltd

1N5937A Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 1N5937A Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd 1N5937A Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd

1N5937A Product details

Features
◇ Silicon planar power zener diodes
◇ No suffix indicates a ±20% tolerance on nominal Vz.
    Suffix"A" denotes a ±10%,Suffix "B" denotes a ±5%,
    Suffix "C" denotes a ±2%,Suffix "D" denotes a ±1%.




Similar Part No. - 1N5937A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
1N5937A EIC-1N5937A Datasheet
15Kb / 2P
   SILICON ZENER DIODES
logo
First Components Intern...
1N5937A FCI-1N5937A Datasheet
113Kb / 2P
   1.5 Watt ZENER DIODES(3.3V to 200V)
logo
SynSemi, Inc.
1N5937A SYNSEMI-1N5937A Datasheet
36Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
1N5937A EIC-1N5937A Datasheet
95Kb / 2P
   SILICON ZENER DIODES
logo
Digitron Semiconductors
1N5937A DIGITRON-1N5937A Datasheet
122Kb / 2P
   SILICON ZENER DIODES
More results


Similar Description - 1N5937A

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
L1N5923 GOOD-ARK-L1N5923_15 Datasheet
202Kb / 5P
   Surface Mount Zener Diodes Vz Range:8.2 to 200V Power Dissipation:1.5W
F1N5913 GOOD-ARK-F1N5913_15 Datasheet
212Kb / 5P
   Surface Mount Zener Diodes Vz Range:8.2 to 200V Power Dissipation:1.5W
logo
Filtronic Compound Semi...
FPD2250 FILTRONIC-FPD2250 Datasheet
183Kb / 2P
   1.5W POWER PHEMT
logo
RF Micro Devices
FPD2250 RFMD-FPD2250 Datasheet
242Kb / 4P
   1.5W POWER pHEMT
logo
Filtronic Compound Semi...
FPD2250 FILTRONIC-FPD2250_1 Datasheet
160Kb / 3P
   1.5W POWER PHEMT
logo
Shenzhen Luguang Electr...
1N5333B LUGUANG-1N5333B Datasheet
3Mb / 5P
   POWER DISSIPATION
logo
SHIKUES Electronics
PZT2222A SKTECHNOLGY-PZT2222A Datasheet
1Mb / 4P
   Power dissipation
S9013 SKTECHNOLGY-S9013 Datasheet
525Kb / 2P
   Power dissipation
MMBD2838 SKTECHNOLGY-MMBD2838 Datasheet
383Kb / 2P
   Power dissipation
MMBTA13 SKTECHNOLGY-MMBTA13 Datasheet
1Mb / 4P
   Power dissipation
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com