Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR3508 Datasheet (PDF) - Shenzhen Luguang Electronic Technology Co., Ltd

BR3508 Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd
Part # BR3508
Download  BR3508 Download

File Size   159.96 Kbytes
Page   2 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description Silicon Bridge Rectifiers

BR3508 Datasheet (PDF)

Go To PDF Page Download Datasheet
BR3508 Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd

Part # BR3508
Download  BR3508 Click to download

File Size   159.96 Kbytes
Page   2 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description Silicon Bridge Rectifiers

BR3508 Datasheet (HTML) - Shenzhen Luguang Electronic Technology Co., Ltd

BR3508 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd BR3508 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd

BR3508 Product details

Silicon Bridge Rectifiers

VOLTAGE RANGE: 50 --- 1000 V

CURRENT: 35.0 A



Features

Rating to 1000V PRV

Surge overload rating to 400 Amperes peak

Ideal for printed circuit board

Reliable low cost construction utilizing molded plastic technique results in inexpensive product

Lead solderable per MIL-STD-202 method 208

Mounting: thru hole for # 8 screw mounting




Similar Part No. - BR3508

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BR3508 EIC-BR3508 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
New Jersey Semi-Conduct...
BR3508 NJSEMI-BR3508 Datasheet
161Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
List of Unclassifed Man...
BR3508 ETC1-BR3508 Datasheet
142Kb / 2P
   35 AMPERE SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
HY ELECTRONIC CORP.
BR3508 HY-BR3508 Datasheet
402Kb / 3P
   Silicon Bridge Rectifiers
logo
Galaxy Semi-Conductor H...
BR3508 BILIN-BR3508 Datasheet
77Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Similar Description - BR3508

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com