Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBP210 Datasheet (PDF) - Shenzhen Luguang Electronic Technology Co., Ltd

GBP210 Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd
Part # GBP210
Download  GBP210 Download

File Size   167.67 Kbytes
Page   2 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description Silicon Bridge Rectifiers

GBP210 Datasheet (PDF)

Go To PDF Page Download Datasheet
GBP210 Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd

Part # GBP210
Download  GBP210 Click to download

File Size   167.67 Kbytes
Page   2 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description Silicon Bridge Rectifiers

GBP210 Datasheet (HTML) - Shenzhen Luguang Electronic Technology Co., Ltd

GBP210 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd GBP210 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd

GBP210 Product details

Silicon Bridge Rectifiers

VOLTAGE  RANGE:  50 --- 1000 V

CURRENT:   2.0 A



Features

Rating to 1000V PRV

Surge overload rating to 50 Amperes peak

Ideal for printed circuit board

Reliable low cost construction utilizing molded plastic technique results in inexpensive product

Plastic material has UL flammability classification 94V-O

Glass passivated junction

Lead solderable per MIL-STD-202 method 208

Weight: 0.05 ounces,1.52 grams




Similar Part No. - GBP210

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
GBP210 WTE-GBP210 Datasheet
59Kb / 4P
   2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Dongguan City Niuhang E...
GBP210 NIUHANG-GBP210 Datasheet
6Mb / 6P
   BRIDGE RECTIFIERS
logo
Yangzhou yangjie electr...
GBP210 YANGJIE-GBP210 Datasheet
272Kb / 2P
   SINGLE PHASE 2.0AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Dongguan City Niuhang E...
GBP210 NIUHANG-GBP210 Datasheet
6Mb / 6P
   BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
GBP210 CHENG-YI-GBP210 Datasheet
187Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Similar Description - GBP210

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com