Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST30VR022 Datasheet (PDF) - Silicon Storage Technology, Inc

SST30VR022 Datasheet PDF - Silicon Storage Technology, Inc
Part # SST30VR022
Download  SST30VR022 Download

File Size   111.23 Kbytes
Page   12 Pages
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Description 2 Mbit ROM 1 Mbit / 2Mbit / 256 Kbit SRAM ROM/RAM Combo

SST30VR022 Datasheet (PDF)

Go To PDF Page Download Datasheet
SST30VR022 Datasheet PDF - Silicon Storage Technology, Inc

Part # SST30VR022
Download  SST30VR022 Click to download

File Size   111.23 Kbytes
Page   12 Pages
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Description 2 Mbit ROM 1 Mbit / 2Mbit / 256 Kbit SRAM ROM/RAM Combo

SST30VR022 Datasheet (HTML) - Silicon Storage Technology, Inc

Back Button SST30VR022 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST30VR022 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST30VR022 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST30VR022 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST30VR022 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST30VR022 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST30VR022 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST30VR022 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST30VR022 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST30VR022 Datasheet HTML 10Page - Silicon Storage Technology, Inc Next Button 

SST30VR022 Product details

PRODUCT DESCRIPTION
The SST30VR021/022/023 are ROM/RAM combo chips consisting of 2 Mbit Read Only Memory organized as 256 KBytes and Static Random Access Memory organized as 128, 256, and 32 KBytes.

FEATURES:
• ROM + SRAM ROM/RAM Combo
    – SST30VR021: 256K x8 ROM + 128K x8 SRAM
    – SST30VR022: 256K x8 ROM + 256K x8 SRAM
    – SST30VR023: 256K x8 ROM + 32K x8 SRAM
• ROM/RAM combo on a monolithic chip
• Equivalent ComboMemory (Flash + SRAM): SST31LF021E for code development and pre-production
• Wide Operating Voltage Range: 2.7-3.3V
• Chip Access Time
    – SST30VR022 70 ns
    – SST30VR021/023 500 ns
• Low Power Dissipation:
    – Standby: 3 µW (Typical)
    – Operating: 10 mW (Typical)
• Fully Static Operation
    – No clock or refresh required
• Three state Outputs
• Packages Available
    – 32-pin TSOP (8mm x14mm)



Similar Part No. - SST30VR022

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST30VR041 SST-SST30VR041 Datasheet
99Kb / 10P
   4 Mbit ROM 1 Mbit / 256 Kbit SRAM ROM/RAM Combo
SST30VR041-150-C-U1 SST-SST30VR041-150-C-U1 Datasheet
99Kb / 10P
   4 Mbit ROM 1 Mbit / 256 Kbit SRAM ROM/RAM Combo
SST30VR041-500-C-WH SST-SST30VR041-500-C-WH Datasheet
99Kb / 10P
   4 Mbit ROM 1 Mbit / 256 Kbit SRAM ROM/RAM Combo
SST30VR041-500-E-WH SST-SST30VR041-500-E-WH Datasheet
99Kb / 10P
   4 Mbit ROM 1 Mbit / 256 Kbit SRAM ROM/RAM Combo
SST30VR041-70-C-U1 SST-SST30VR041-70-C-U1 Datasheet
99Kb / 10P
   4 Mbit ROM 1 Mbit / 256 Kbit SRAM ROM/RAM Combo
More results


Similar Description - SST30VR022

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST30VR041 SST-SST30VR041 Datasheet
99Kb / 10P
   4 Mbit ROM 1 Mbit / 256 Kbit SRAM ROM/RAM Combo
SST31LF041 SST-SST31LF041 Datasheet
310Kb / 26P
   4 Mbit Flash 1 Mbit or 256 Kbit SRAM ComboMemory
logo
OKI electronic componet...
MSM6595A OKI-MSM6595A Datasheet
165Kb / 13P
   1-Mbit Serial Voice ROM
MSM6596A OKI-MSM6596A Datasheet
170Kb / 13P
   2-Mbit Serial Voice ROM
logo
Silicon Storage Technol...
SST27SF256 SST-SST27SF256 Datasheet
268Kb / 26P
   256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST45VF512 SST-SST45VF512 Datasheet
170Kb / 16P
   512 Kbit / 1 Mbit / 2 Mbit Serial Flash
logo
OKI electronic componet...
MSM6597A OKI-MSM6597A Datasheet
140Kb / 10P
   3-Mbit Serial Voice ROM
logo
Silicon Storage Technol...
SST31LF021 SST-SST31LF021_07 Datasheet
350Kb / 24P
   2 Mbit Flash 1 Mbit SRAM ComboMemory
SST31LF021 SST-SST31LF021 Datasheet
294Kb / 24P
   2 Mbit Flash 1 Mbit SRAM ComboMemory
logo
Infineon Technologies A...
HYB25L256160AC INFINEON-HYB25L256160AC Datasheet
1Mb / 55P
   256-Mbit Mobile-RAM
V1.1, 2003-04-16
More results




About Silicon Storage Technology, Inc


Silicon Storage Technology, Inc. (SST) was an American technology company that specialized in the design and manufacture of non-volatile memory solutions, including flash memory and microcontrollers.
The company was founded in 1991 and had its headquarters in Sunnyvale, California.
SST was known for its innovative technology and high-quality products, and it had a strong reputation in the memory and storage industry.
In 2010, SST was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
Today, SST operates as a subsidiary of Microchip and continues to provide non-volatile memory solutions for a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com