Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HZ4B Datasheet (PDF) - Shenzhen Luguang Electronic Technology Co., Ltd

HZ4B Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd
Part # HZ4B
Download  HZ4B Download

File Size   130.3 Kbytes
Page   2 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description Zener Diodes

HZ4B Datasheet (PDF)

Go To PDF Page Download Datasheet
HZ4B Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd

Part # HZ4B
Download  HZ4B Click to download

File Size   130.3 Kbytes
Page   2 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description Zener Diodes

HZ4B Datasheet (HTML) - Shenzhen Luguang Electronic Technology Co., Ltd

HZ4B Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd HZ4B Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd

HZ4B Product details

Zener Diodes

VZ : 2.0 - 36V PD : 500mW



Features

Low leakage, low zener impedance

Maximum power dissipation of 500 mW

Ideally suitedfor stabilized power supply, etc.

Pb/ RoHS Free



Case: DO-35 Glass Case

Weight: approx. 0.13g

Mechanical Data

—

—

—

—




Similar Part No. - HZ4B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZ4B1 RENESAS-HZ4B1 Datasheet
55Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
Rev.3.00, Mar.11.2004,
logo
Hitachi Semiconductor
HZ4B1 HITACHI-HZ4B1 Datasheet
45Kb / 8P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
SeCoS Halbleitertechnol...
HZ4B1 SECOS-HZ4B1 Datasheet
751Kb / 5P
   Silicon Planar Zener Diode for Stabilized Power Supply
logo
SEMTECH ELECTRONICS LTD...
HZ4B1 SEMTECH_ELEC-HZ4B1 Datasheet
261Kb / 4P
   SILICON EPITAXIAL PLANER ZENER DIODES
logo
Nanjing International G...
HZ4B1 DGNJDZ-HZ4B1 Datasheet
92Kb / 4P
   Silicon Epitaxial Planar Zener Diodes
More results


Similar Description - HZ4B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com